Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC2600ISO8X Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC2600ISO8X
Description  Dual, Triple, and Quad 300MHz Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2600ISO8X Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC2600ISO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2600ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
12
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equa-
tion.
Psupply = Vsupply × IRMS supply
Vsupply = VS+ - VS-
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2)/Rloadeff
The effective load resistor (Rloadeff) will need to include
the effect of the feedback network. For instance,
Rloadeff in figure 3 would be calculated as:
RL || (Rf + Rg)
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS val-
ues along with known supply voltage, VSupply. Load power
can be calculated as above with the desired signal ampli-
tudes using:
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = ( VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS
Assuming the load is referenced in the middle of the power
rails or Vsupply/2.
Figure 8 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 8 and 14 lead
SOIC packages.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOIC-14
SOIC-8
Figure 8. Maximum Power Derating
Better thermal ratings can be achieved by maximizing PC
board metallization at the package pins. However, be care-
ful of stray capacitance on the input pins.
In addition, increased airflow across the package can also
help to reduce the effective ӨJA of the package.
In the event the outputs are momentarily shorted to a low
impedance path, internal circuitry and output metallization
are set to limit and handle up to 65mA of output current.
However, extended duration under these conditions may
not guarantee that the maximum junction temperature
(+150°C) is not exceeded.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. CADEKA has evaluation
boards to use as a guide for high frequency layout and as
aid in device testing and characterization. Follow the steps
below as a basis for high frequency layout:
• Include 6.8µF and 0.1µF ceramic capacitors for power
supply decoupling
• Place the 6.8µF capacitor within 0.75 inches of the power pin
• Place the 0.1µF capacitor within 0.1 inches of the power pin
• Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance
• Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more in-
formation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com