Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W722LS Datasheet(PDF) 1 Page - Lumins Inc.

Part # W722LS
Description  Post top mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W722LS Datasheet(HTML) 1 Page - Lumins Inc.

  W722LS Datasheet HTML 1Page - Lumins Inc. W722LS Datasheet HTML 2Page - Lumins Inc. W722LS Datasheet HTML 3Page - Lumins Inc. W722LS Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L U M I
I
N S
90
60
30
Photometry
Specification
ECLIPSE
Post top mount
W722 .W722LS
3
1
2
4
5
6
luminaire tilt
action.
Access
to lamp
Access
Ballast
30”
7
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
The luminaire base assembly is built with a hinge
mechanism,allowing to tilt the top part of the luminaire to access the
electrical equipment. No tools required. The quick disconnect
ballast assembly is installed on a removable tray. The lamp is
accessible with a twist and lock action.
The ease of maintenance and lamp replacement concept will leave
the optical chamber free of finger prints and foreign particles,
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated medium base porcelain socket.
- 75W/600V thermoplastic compact fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Min. .093” hard aluminum shade, with underside
white enamel to maximize light performance.
2- 1/2” dia. solid aluminum struts.
3- Clear U.V. protected high impact acrylic cylinder.
4- Cast Aluminum built-in hinge mechanism.
5- Cast Aluminum ballast housing with dissipation fins to maximize
heat dissipation and cool operation of ballast.
6- Cast Aluminum swing out housing,with safety cable retainer.
Push release button for quick access to electrical equipment.
(No tools required for maintenance.) Button may be locked for
limited access. (See option LB1)
7- Set of 8 satin anodized aluminum louvers for brightness control.
29 3/4”
W722
With 30” dia.
aluminum shade
W722LS
Less shade
Option
LB1
12”
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
E.P.A: 1.05 sq./ft
Max. weight: 42 lbs..
Installation: Mounts over a 4” or 5"O.D. Pole.X 4”ø tenon.
UL. Wet Location.
Certification
Mounting & E.P.A.
For options details and
specifications, please refer
to pages 41.42.43
(Lamps by others)
Light source selection
120 V Standard
factory prewired
(If no voltage is
specified)
For other voltages,
please specify with
catalog number.
208 V
240 V
277 V
347 V
480 V
347 V (To specify)
Smart ballast 120/277
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Single lamp
F132
F142
F157
F170
Model#
Voltage
Mounting
Finish
Options
H.I.D.
COMP. FLUO.
Luminaires may be altered for design improvements or discontinued without prior notice.
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Page
34
W722
Optional
ACA1
ACW1
EC3P
EC3W
ACA1
ACW1
EC3PS
EC3WS
W722LS
Accessories
LB1:
Release button lock
LF1:
Partially frosted
cylinder over lower
mid portion
H2:
House shield.
STS30:
Stainless steel shade.
Available with W722LS only.
EC6:
Double dropped
shade.
EC7:
Single dropped
shade
EC5:
18” dia.Cast
aluminum shade
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell


Similar Part No. - W722LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W7224-D5 ETC1-W7224-D5 Datasheet
104Kb / 2P
Single Output Regulated Power Supplies
logo
Bourns Electronic Solut...
W722R0J BOURNS-W722R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
More results

Similar Description - W722LS

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W800 LUMINIS-W800 Datasheet
112Kb / 2P
Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
Post top mount
W820 LUMINIS-W820 Datasheet
110Kb / 2P
Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
Post top mount
W616 LUMINIS-W616 Datasheet
190Kb / 4P
Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
Post top mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com