Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR1635 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MBR1635
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MBR1635 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MBR1635 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MBR1635 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 29/08/2007
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MBR1635 THRU MBR1660
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 35 to 60 V
Forward Current - 16 A
Features
• Metal silicon junction, majority carrier conduction
• Guard ring for overvoltage protection
• High current capability
• Low power loss, high efficiency
• Low forward voltage drop
• For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
Mechanical Data
• Case: Molded plastic, TO-220A
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Leads solderable per MIL-STD-202
Method 208 guaranteed
• Polarity: As marked
• Mounting position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols MBR1635
MBR1645
MBR1650
MBR1660
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
V
Maximum RMS Voltage
VRMS
24
31
35
42
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
V
Maximum Average Forward Rectified Current
TC = 125 OC
IF(AV)
16
A
Peak Repetitive Forward Current at TC = 125 OC
(Rated VR, Sq. Wave, 20 KHz)
IFRM
32
A
Peak Forward Surge Current, 8.3 ms Single Half Sine
Wave Superimposed on Rated Load (JEDEC Method)
IFSM
150
A
Peak Repetitive Reverse Current at tp = 2 µs, 1 KHz
IRRM
1
0.5
A
Maximum Forward Voltage
1)
at IF = 16 A, TC = 25 OC
at IF = 16 A, TC = 125 OC
VF
0.63
0.57
0.75
0.65
V
Maximum Reverse Current at Rated DC
Blocking Voltage
at TC = 25 OC
at TC = 125 OC
IR
0.2
40
1
50
mA
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/µs
Typical Thermal Resistance
RθJC
1.5
O
C/W
Operating Temperature Range
TJ
- 55 to + 150
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
1) Pulse test: 300 µs pulse width, 1% duty cycle


Similar Part No. - MBR1635

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1635 MOTOROLA-MBR1635 Datasheet
80Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1635 FAIRCHILD-MBR1635 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1635 DIODES-MBR1635 Datasheet
65Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. F-2
logo
Micro Commercial Compon...
MBR1635 MCC-MBR1635 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1635 GOOD-ARK-MBR1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
More results

Similar Description - MBR1635

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com