Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN54LVC374AFK Datasheet(PDF) 15 Page - Texas Instruments

Part # SN54LVC374AFK
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LVC374AFK Datasheet(HTML) 15 Page - Texas Instruments

Back Button SN54LVC374AFK Datasheet HTML 11Page - Texas Instruments SN54LVC374AFK Datasheet HTML 12Page - Texas Instruments SN54LVC374AFK Datasheet HTML 13Page - Texas Instruments SN54LVC374AFK Datasheet HTML 14Page - Texas Instruments SN54LVC374AFK Datasheet HTML 15Page - Texas Instruments SN54LVC374AFK Datasheet HTML 16Page - Texas Instruments SN54LVC374AFK Datasheet HTML 17Page - Texas Instruments SN54LVC374AFK Datasheet HTML 18Page - Texas Instruments SN54LVC374AFK Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21