| Electronic Components Datasheet Search |
|
CAT5259WI-00 Datasheet(PDF) 8 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT5259WI-00 Datasheet(HTML) 8 Page - ON Semiconductor |
|
8 / 16 page ![]() CAT5259 Doc. No. MD-2000 Rev. I 8 © 2008 SCILLC. All rights reserved. Characteristics subject to change without notice INSTRUCTION AND REGISTER DESCRIPTION SLAVE ADDRESS BYTE The first byte sent to the CAT5259 from the master/processor is called the Slave/DPP Address Byte. The most significant four bits of the slave address are a device type identifier. These bits for the CAT5259 are fixed at 0101[B] (refer to Table 1). The next four bits, A3 - A0, are the internal slave address and must match the physical device address which is defined by the state of the A3 - A0 input pins for the CAT5259 to successfully continue the command sequence. Only the device which slave address matches the incoming device address sent by the master executes the instruction. The A3 - A0 inputs can be actively driven by CMOS input signals or tied to VCC or VSS. INSTRUCTION BYTE The next byte sent to the CAT5259 contains the instruction and register pointer information. The four most significant bits used provide the instruction opcode I3 - I0. The R1 and R0 bits point to one of the four data registers of each associated potentiometer. The least two significant bits point to one of four Wiper Control Registers. The format is shown in Table 2. Data Register Selection Data Register Selected R1 R0 DR0 0 0 DR1 0 1 DR2 1 0 DR3 1 1 Figure 6. Write Timing Table 1. Identification Byte Format Table 2. Instruction Byte Format S A C K A C K DR1 WCRDATA S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T A C K SLAVE/DPP ADDRESS INSTRUCTION BYTE Fixed Variable op code Register Address Pot1 WCR Address ID3 ID2 ID1 ID0 A3 A2 A1 A0 0101 (MSB) (LSB) Device Type Identifier Slave Address I3 I2 I1 I0 R1 R0 P1 P0 (MSB) (LSB) Instruction Data Register WCR/Pot Selection Opcode Selection |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |