Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EIC3439-4 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EIC3439-4
Description  3.40-3.90GHz 4-Watt Internally Matched Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EIC3439-4 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EIC3439-4 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EIC3439-4 Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EIC3439-4
ISSUED DATED: 11/12/2007
3.40-3.90GHz 4-Watt Internally Matched Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
FEATURES
3.40–3.90GHz Bandwidth
Input/Output Impedance Matched to 50 Ohms
+36.5 dBm Output Power at 1dB Compression
12.0 dB Power Gain at 1dB Compression
35% Power Added Efficiency
-46 dBc IM3 at PO = 25.5 dBm SCL
100% Tested for DC, RF, and RTH
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 3.40-3.90GHz
VDS = 10 V, IDSQ ≈ 1100mA
35.5
36.5
dBm
G1dB
Gain at 1dB Compression
f = 3.40-3.90GHz
VDS = 10 V, IDSQ ≈ 1100mA
11.0
12.0
dB
∆G
Gain Flatness
f = 3.40-3.90GHz
VDS = 10 V, IDSQ ≈ 1100mA
±0.6
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 10 V, IDSQ ≈ 1100mA
f = 3.40-3.90GHz
35
%
Id1dB
Drain Current at 1dB Compression
f = 3.40-3.90GHz
1200
1500
mA
IM3
Output 3rd Order Intermodulation Distortion
∆f = 10 MHz 2-Tone Test; Pout = 25.5 dBm S.C.L
2
VDS = 10 V, IDSQ ≈ 65% IDSS
f = 3.90GHz
-43
-46
dBc
IDSS
Saturated Drain Current
VDS = 3 V, VGS = 0 V
2000
2500
mA
VP
Pinch-off Voltage
VDS = 3 V, IDS = 20 mA
-2.5
-4.0
V
RTH
Thermal Resistance
3
5.5
6.0
oC/W
Note: 1. Tested with 100 Ohm gate resistor.
2. S.C.L. = Single Carrier Level.
3. Overall Rth depends on case mounting.
ABSOLUTE MAXIMUM RATING FOR EFE
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
VDS
Drain-Source Voltage
15V
10V
VGS
Gate-Source Voltage
-5V
-4V
Igsf
Forward Gate Current
48.0 mA
14.4 mA
Igsr
Reverse Gate Current
-9.6 mA
-2.4 mA
Pin
Input Power
35.5dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
175
oC
Tstg
Storage Temperature
-65 to +175
oC
-65 to +175
oC
Pt
Total Power Dissipation
25W
25W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EIC3439-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC3135-8 EXCELICS-EIC3135-8 Datasheet
86Kb / 1P
3.10-3.50 GHz 8W Internally Matched Power FET
More results

Similar Description - EIC3439-4

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIA1114-4 EXCELICS-EIA1114-4 Datasheet
86Kb / 1P
11.0-14.0GHz 4-Watt Internally Matched Power FET
EIB3439-4P EXCELICS-EIB3439-4P Datasheet
86Kb / 1P
3.40-3.90 GHz 4W Internally Matched Power FET
EIC0910-4 EXCELICS-EIC0910-4 Datasheet
183Kb / 4P
9.50-10.50GHz 4-Watt Internally-Matched Power FET
EIC1010-4 EXCELICS-EIC1010-4 Datasheet
101Kb / 2P
10.0-10.70GHz 4-Watt Internally-Matched Power FET
EIC1011-4 EXCELICS-EIC1011-4 Datasheet
162Kb / 4P
10.70-11.70GHz 4-Watt Internally-Matched Power FET
EIC1213-4 EXCELICS-EIC1213-4 Datasheet
181Kb / 4P
12.70-13.20GHz 4-Watt Internally-Matched Power FET
EIC1314-4 EXCELICS-EIC1314-4 Datasheet
182Kb / 4P
13.75-14.50GHz 4-Watt Internally-Matched Power FET
EIC1414-4 EXCELICS-EIC1414-4 Datasheet
181Kb / 4P
14.00-14.50GHz 4-Watt Internally-Matched Power FET
EIC7785-4 EXCELICS-EIC7785-4 Datasheet
163Kb / 4P
7.70-8.50GHz 4-Watt Internally-Matched Power FET
EIC8596-4 EXCELICS-EIC8596-4 Datasheet
184Kb / 4P
8.50-9.60GHz 4-Watt Internally-Matched Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com