Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZ2A2 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # HZ2A2
Description  SILICON EPITAXIAL PLANER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZ2A2 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  HZ2A2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZ2A2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZ2A2 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. HZ2A2 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HZ Series
SILICON EPITAXIAL PLANER ZENER DIODES
for stabilized power supply
Features
• Low leakage, low zener impedance and maximum
power dissipation of 500 mW are ideally suited for
stabilized power supply, etc.
• Wide spectrum from 1.6 V through 38 V of zener
voltage provide flexible application.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
Characteristics at Ta = 25 OC
Zener Voltage
1)
Reverse Current
Dynamic Resistance
Type
Min. (V)
Max. (V)
at lZ (mA)
IR (µA) Max.
at VR (V)
rd (Ω) Max.
at lZ (mA)
HZ2A1
1.6
1.8
HZ2A2
1.7
1.9
HZ2A3
1.8
2
5
25
0.5
100
5
HZ2B1
1.9
2.1
HZ2B2
2
2.2
HZ2B3
2.1
2.3
HZ2C1
2.2
2.4
HZ2C2
2.3
2.5
HZ2C3
2.4
2.6
5
5
0.5
100
5
HZ3A1
2.5
2.7
HZ3A2
2.6
2.8
HZ3A3
2.7
2.9
HZ3B1
2.8
3
HZ3B2
2.9
3.1
HZ3B3
3
3.2
HZ3C1
3.1
3.3
HZ3C2
3.2
3.4
HZ3C3
3.3
3.5
5
5
0.5
100
5
HZ4A1
3.4
3.6
HZ4A2
3.5
3.7
HZ4A3
3.6
3.8
HZ4B1
3.7
3.9
HZ4B2
3.8
4
HZ4B3
3.9
4.1
HZ4C1
4
4.2
HZ4C2
4.1
4.3
HZ4C3
4.2
4.4
5
5
1
100
5
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - HZ2A2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ2A2 RENESAS-HZ2A2 Datasheet
55Kb / 7P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
logo
Hitachi Semiconductor
HZ2A2 HITACHI-HZ2A2 Datasheet
45Kb / 8P
Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A2 SECOS-HZ2A2 Datasheet
751Kb / 5P
Silicon Planar Zener Diode for Stabilized Power Supply
logo
Nanjing International G...
HZ2A2 DGNJDZ-HZ2A2 Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
logo
GUANGDONG HOTTECH INDUS...
HZ2A2 HOTTECH-HZ2A2 Datasheet
385Kb / 4P
Glass-Encapsulate Diodes
More results

Similar Description - HZ2A2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
ZMM3V6LZB SEMTECH_ELEC-ZMM3V6LZB Datasheet
157Kb / 2P
SILICON EPITAXIAL PLANER ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
HZS2A1 SEMTECH_ELEC-HZS2A1 Datasheet
262Kb / 4P
SILICON EPITAXIAL PLANER ZENER DIODES
ZJ2V0 SEMTECH_ELEC-ZJ2V0 Datasheet
428Kb / 6P
SILICON EPITAXIAL PLANER ZENER DIODES
HZ6LA1 SEMTECH_ELEC-HZ6LA1 Datasheet
217Kb / 3P
SILICON EPITAXIAL PLANER ZENER DIODES
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
logo
Shenzhen Luguang Electr...
ESD6V8WT LUGUANG-ESD6V8WT Datasheet
198Kb / 2P
Silicon Epitaxial Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com