Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC2510 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # KBPC2510
Description  HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

KBPC2510 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  KBPC2510 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. KBPC2510 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 19/07/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
KBPC25005~KBPC2510
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE: 50V to 1000V
FORWARD CURRENT: 25A
Features
•
Surge overload 300 Amperes peak
•
Low power loss, high efficiency
•
Low reverse leakage current
Absolute Maximum Ratings and Characteristics
Rating at 25
oC ambient temperature unless otherwise specified. resistive or inductive load 60 Hz,.
For capacitive load current by 20%.
Characteristic
KBPC
25005
KBPC
2501
KBPC
2502
KBPC
2504
KBPC
2506
KBPC
2508
KBPC
2510
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC = 55
oC
25
A
Peak Forward Surge Current, 8.3ms single half
Sine-wave superimposed on rated load
300
A
Maximum Forward Voltage at 12.5A DC and 25℃
1.2
V
Maximum Reverse Current at TA = 25
oC
at Rated DC Blocking Voltage TA = 125
oC
10
1000
uA
Typical Junction Capacitance (Note 1)
300
pF
Typical Thermal Resistance (Note 2)
1.9
℃
/W
Operating Temperature Range TJ
-55 to +125
oC
Storage Temperature Range TS
-55 to +150
oC
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0VDC.
2. Thermal resistance from junction t case per leg.
KBPC


Similar Part No. - KBPC2510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC2510 WTE-KBPC2510 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC2510 SEMTECH-KBPC2510 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC2510 SSE-KBPC2510 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC2510 CHENYI-KBPC2510 Datasheet
183Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC2510 DCCOM-KBPC2510 Datasheet
390Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC2510

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC50005W SEMTECH_ELEC-KBPC50005W Datasheet
578Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC35005W SEMTECH_ELEC-KBPC35005W Datasheet
581Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC15005 SEMTECH_ELEC-KBPC15005 Datasheet
274Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC35005 SEMTECH_ELEC-KBPC35005 Datasheet
273Kb / 2P
HIGH CURRENT SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBPC50005 SEMTECH_ELEC-KBPC50005 Datasheet
261Kb / 2P
HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
Single phase Silicon Bridge Rectifiers
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
SINGLE - PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com