Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RB151 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # RB151
Description  1.5A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

RB151 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  RB151 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. RB151 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 03/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
TJ=25 C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 3-TYPICAL FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG. 1-MAXIMUM FORWARD SURGE CURRENT
10
0.1
0.6
0.4
0.8
1.0
10
TYPICAL
DISTRIBUTION
o
TJ=25 C
0
10
1
1
60
50
40
30
20
0.6
140
1.2
1.0
1.4
PERCENT OF RATED PEAK
REVERSE VOLTAGE
60
20
0
0
40
0.1
80
100
120
100
FIG. 4-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
AMBIENT TEMPERATURE, C
0
20
40
60
0.2
0.4
80
100
120
o
140
RATING AND CHARACTERISTICS CURVES
o
FIG. 2-DERATING CURVE
OUTPUT RECTIFIED CURRENT
1.2
0.8
1.0
1.4
1.6
0.01
RB151 THRU RB157



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com