Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

112LP05D-PCB Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # 112LP05D-PCB
Description  Signal conditioned precision pressure transducers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

112LP05D-PCB Datasheet(HTML) 5 Page - Sensortechnics GmbH

  112LP05D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 112LP05D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 112LP05D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 112LP05D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 112LP05D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 112LP05D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
5/6
January 2007 / 006
www.sensortechnics.com
Connection
OUTLINE DRAWING
4 - 20 mA version
NC
-Vs
+Vs
1 - 6 V version
+Vs
-Vs
Vout
Pin
1
2
3
PIN CONNECTION:
LOAD LIMITATION
4...20 mA output versions
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range
mass: 20 g
dimensions in mm
30.5
3.5 diam.
2 x mounting holes
port B
(high pressure port)
3
30.0
port A
3
1
2
3 terminals
0.56 diam.
NOM 6.0
14.0
9.1
12.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com