Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

142SC30D-PCB Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 142SC30D-PCB
Description  Signal conditioned precision pressure transducers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

142SC30D-PCB Datasheet(HTML) 3 Page - Sensortechnics GmbH

  142SC30D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 142SC30D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 142SC30D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 142SC30D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 142SC30D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 142SC30D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
140SC...-PCB / 420SC...-PCB Series
Signal conditioned precision pressure transducers
3/6
March 2006 / 002
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
4 - 20 mA output version (unless otherwise noted V
S = 15 V, RL = 100 Ω, tamb = 25°C)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
The minimum supply voltage is directly proportional to the load resistance seen by the transmitter. For more details see the
load limitation diagram.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal of all 141SC...-PCB devices is proportional to the vacuum applied to port B, relative to port A, e. g. the output
signal increases when pressure is applied to port A relative to port B.
The output signal of all 142SC...D-PCB and 143SC...D-PCB devices is proportional to the pressure applied to port B, relative to
port A, e.g. the output signal increases when vacuum is applied to port A relative to port B.
The output signal of all 142SC...A-PCB is proportional to the pressure applied to port A.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Thermal effects tested and guaranteed from 0 - 70°C relative to 25°C. All specifications shown are relative to 25°C.
Change in output after one year or 1 million pressure cycles.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O
)
g
(
d
i
s
p
s
e
c
i
v
e
d
l
a
i
t
n
e
r
e
f
f
i
d
4
B
C
P
-
D
1
0
C
S
0
2
4
B
C
P
-
D
5
0
C
S
0
2
4
B
C
P
-
D
5
1
C
S
0
2
4
B
C
P
-
D
0
3
C
S
0
2
4
B
C
P
-
D
0
0
1
C
S
0
2
4
B
C
P
-
D
0
5
1
C
S
0
2
4
0
0
0
0
0
0
1
5
5
1
0
3
0
0
1
0
5
1
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
5
B
C
P
-
A
5
1
C
S
0
2
4
B
C
P
-
A
0
3
C
S
0
2
4
B
C
P
-
A
0
0
1
C
S
0
2
4
0
0
0
5
1
0
3
0
0
1
a
i
s
p
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
p
4
B
C
P
-
D
1
0
C
S
3
2
4
B
C
P
-
D
3
0
C
S
3
2
4
B
C
P
-
D
5
0
C
S
3
2
4
B
C
P
-
D
5
1
C
S
3
2
4
1
-
5
.
2
-
5
-
5
1
-
1
5
.
2
5
5
1
d
i
s
p
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
ZB
C
P
-
.
.
.
C
S
0
2
4
B
C
P
-
.
.
.
C
S
3
2
4
9
.
3
9
.
1
1
0
.
4
0
.
2
1
1
.
4
1
.
2
1
A
m
n
a
p
s
e
l
a
c
s
ll
u
F
6
B
C
P
-
.
.
.
C
S
0
2
4
B
C
P
-
.
.
.
C
S
3
2
4
8
.
5
1
9
.
7
0
.
6
1
0
.
8
2
.
6
1
1
.
8
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
.
0
2
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
u
p
t
u
OB
C
P
-
.
.
.
C
S
3
2
40
.
4
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
7
1
.
0
±5
.
0
±
O
S
F
%
s
t
c
e
f
f
e
l
a
m
r
e
h
T
8
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
C
)
C
°
0
7
o
t
0
(
)
C
°
0
0
1
o
t
0
7
,
C
°
0
o
t
0
4
-
(
s
e
c
i
v
e
d
i
s
p
1
ll
a
s
r
e
h
t
o
ll
a
5
.
1
±
5
.
0
±
0
.
2
±
0
.
3
±
5
.
1
±
y
t
il
i
b
a
t
a
e
p
e
R
1
.
0
±
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
9
1
.
0
±
e
s
i
o
n
t
u
p
t
u
O
4
0
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
1
.
0s
m
e
t
a
r
n
o
i
t
c
e
j
e
r
y
l
p
p
u
s
r
e
w
o
Pt
e
s
f
f
O
n
a
p
S
5
0
.
0
3
0
.
0
V
/
O
S
F
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com