Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

142PC150D-PCB Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 142PC150D-PCB
Description  Signal conditioned precision pressure transducers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

142PC150D-PCB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  142PC150D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 142PC150D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 142PC150D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 142PC150D-PCB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
140PC...-PCB Series
Signal conditioned precision pressure transducers
2/4
March 2006 / 554
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
(unless otherwise noted V
S = 8.00 ±0.01 V, RL > 100 kΩ
Ω
Ω
Ω
Ω, t
amb = 25°C)
Specification notes:
1.
2.
3.
4.
5.
6.
7.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
The output signal of all 141PC...-PCB devices is proportional to the vacuum applied to port A, relative to port B, e. g. the
output signal increases when pressure is applied to port B relative to port A.
The output signal of all 142PC...D-PCB and 143PC...D-PCB devices is proportional to the pressure applied to port A, relative
to port B, e.g. the output signal increases when vacuum is applied to port B relative to port A.
Full scale span is the algebraic difference between the positive full scale output and the zero pressure offset.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full scale pressure and 1/2 full scale pressure.
Thermal effects tested and guaranteed from 0 - 70°C relative to 25°C. All specifications shown are relative to 25°C.
Change in output after one year or 1 million pressure cycles.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
it
a
r
e
p
O
s
e
c
i
v
e
d
e
g
a
g
m
u
u
c
a
v
2
B
C
P
-
G
1
0
C
P
1
4
1
B
C
P
-
G
5
0
C
P
1
4
1
B
C
P
-
G
5
1
C
P
1
4
1
B
C
P
-
G
0
3
C
P
1
4
1
B
C
P
-
G
0
0
1
C
P
1
4
1
1
-
5
-
5
1
-
0
3
-
0
0
1
-
0
0
0
0
0
g
i
s
p
)
m
u
u
c
a
v
(
s
e
c
i
v
e
d
l
a
it
n
e
r
e
ff
i
d
3
B
C
P
-
D
1
0
C
P
2
4
1
B
C
P
-
D
5
0
C
P
2
4
1
B
C
P
-
D
5
1
C
P
2
4
1
B
C
P
-
D
0
3
C
P
2
4
1
B
C
P
-
D
0
0
1
C
P
2
4
1
B
C
P
-
D
0
5
1
C
P
2
4
1
0
0
0
0
0
0
1
5
5
1
0
3
0
0
1
0
5
1
)
g
(
d
i
s
p
s
e
c
i
v
e
d
e
t
u
l
o
s
b
a
3
B
C
P
-
A
5
1
C
P
2
4
1
B
C
P
-
A
0
3
C
P
2
4
1
B
C
P
-
A
0
0
1
C
P
2
4
1
0
0
0
5
1
0
3
0
0
1
a
i
s
p
s
e
c
i
v
e
d
m
u
u
c
a
v
/
e
r
u
s
s
e
r
p
3
B
C
P
-
D
1
0
C
P
3
4
1
B
C
P
-
D
3
0
C
P
3
4
1
B
C
P
-
D
5
0
C
P
3
4
1
B
C
P
-
D
5
1
C
P
3
4
1
1
-
5
.
2
-
5
-
5
1
-
1
5
.
2
5
5
1
)
g
(
d
i
s
p
t
e
s
ff
o
e
r
u
s
s
e
r
p
o
r
e
ZB
C
P
-
..
.
C
P
2
4
1
/.
..
C
P
1
4
1
B
C
P
-
..
.
C
P
3
4
1
5
9
.
0
5
4
.
3
0
0
.
1
0
5
.
3
5
0
.
1
5
5
.
3
V
n
a
p
s
e
l
a
c
s
ll
u
F
4
B
C
P
-
..
.
C
P
2
4
1
/.
..
C
P
1
4
1
B
C
P
-
..
.
C
P
3
4
1
5
9
.
4
5
4
.
2
0
0
.
5
0
5
.
2
5
0
.
5
5
5
.
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
0
9
.
50
0
.
60
1
.
6
e
r
u
s
s
e
r
p
d
e
if
i
c
e
p
s
t
s
e
w
o
l
t
a
t
u
p
t
u
OB
C
P
-
..
.
C
P
3
4
10
0
.
1
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
ti
r
a
e
n
il
-
n
o
N
5
1
.
05
.
0
O
S
F
%
s
t
c
e
ff
e
l
a
m
r
e
h
T
6
)
C
°
0
7
o
t
0
(
n
a
p
s
d
n
a
t
e
s
ff
o
d
e
n
i
b
m
o
C
s
e
c
i
v
e
d
i
s
p
1
ll
a
s
r
e
h
t
o
ll
a
5
.
1
±
5
.
0
±
0
.
3
±
0
.
1
±
y
ti
li
b
a
t
s
m
r
e
t
g
n
o
L
7
1
.
0
±
)
%
0
9
o
t
0
1
(
e
m
it
e
s
n
o
p
s
e
R
1
.
0s
m
n
o
it
p
m
u
s
n
o
c
t
n
e
r
r
u
C
5
.
4
A
m
c
it
e
n
g
a
m
o
r
t
c
e
l
e
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
,
3
e
d
a
r
g
3
-
4
-
0
0
1
6
N
E
)I
F
R
(
y
ti
n
u
m
m
i
d
l
e
if
,
z
H
M
0
0
0
1
o
t
0
8
)
z
H
K
1
(
C
M
A
%
0
8
0
1m
/
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com