Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

40PC006B2A Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # 40PC006B2A
Description  Fully signal conditioned pressure transducer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

40PC006B2A Datasheet(HTML) 3 Page - Sensortechnics GmbH

  40PC006B2A Datasheet HTML 1Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 2Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 3Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 4Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 5Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 6Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 7Page - Sensortechnics GmbH 40PC006B2A Datasheet HTML 8Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
40PC Series
Fully signal conditioned pressure transducer
3/8
November 2007 / 573
www.sensortechnics.com
40PC001B2A
PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 5.00 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O0
5
-0
5
+g
H
m
m
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
4
.
20
5
.
25
5
.
2
V
n
a
p
S
4
0
.
4
t
u
p
t
u
Og
H
m
m
0
5
-
t
a5
.
0
g
H
m
m
0
5
+
t
a5
.
4
)
C
°
0
5
o
t
0
(
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
t
e
s
f
f
O0
5
.
1
±
S
S
F
%
n
a
p
S0
5
.
1
±
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
2
8
.
0
±
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
H
5
1
.
0
±
V
(
r
o
r
r
e
y
t
i
c
i
r
t
e
m
o
i
t
a
R
S
)
V
5
2
.
5
.
.
.
5
7
.
4
=5
2
.
0
±
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
.
0
1A
m
e
m
i
t
e
s
n
o
p
s
e
R
6
1s
m
40PC006G2A
PERFORMANCE CHARACTERISTICS
(unless otherwise noted, V
S = 5.00 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
O0
0
0
3g
H
m
m
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z5
4
.
00
5
.
05
5
.
0
V
n
a
p
S
4
5
9
.
30
0
.
45
0
.
4
t
u
p
t
u
o
e
l
a
c
s
ll
u
F
5
.
4
s
t
c
e
f
f
e
l
a
m
r
e
h
T
3
t
e
s
f
f
OC
°
3
6
+
o
t
8
1
-5
2
.
1
±
S
S
F
%
C
°
5
2
1
+
o
t
5
4
-5
7
.
2
±
n
a
p
SC
°
3
6
+
o
t
8
1
-5
7
.
0
±
C
°
5
2
1
+
o
t
5
4
-0
.
2
±
n
a
p
s
d
n
a
t
e
s
f
f
o
d
e
n
i
b
m
o
CC
°
3
6
+
o
t
8
1
-5
.
1
±
C
°
5
2
1
+
o
t
5
4
-0
.
4
±
y
c
a
r
u
c
c
a
l
a
t
o
T
5
C
°
5
2
1
+
o
t
5
4
-0
.
4
±
)
L
S
B
(
y
t
i
r
a
e
n
il
-
n
o
N
2
2
.
0
±
y
t
il
i
b
a
t
a
e
p
e
r
d
n
a
s
i
s
e
r
e
t
s
y
H
5
1
.
0
±
V
(
r
o
r
r
e
y
t
i
c
i
r
t
e
m
o
i
t
a
R
S
)
V
5
2
.
5
.
.
.
5
7
.
4
=5
2
.
0
±
)
d
a
o
l
o
n
(
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C
0
.
0
1A
m
e
m
i
t
e
s
n
o
p
s
e
R
6
1s
m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com