Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

432LP02D-PCB Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # 432LP02D-PCB
Description  Signal conditioned precision pressure transducers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

432LP02D-PCB Datasheet(HTML) 2 Page - Sensortechnics GmbH

  432LP02D-PCB Datasheet HTML 1Page - Sensortechnics GmbH 432LP02D-PCB Datasheet HTML 2Page - Sensortechnics GmbH 432LP02D-PCB Datasheet HTML 3Page - Sensortechnics GmbH 432LP02D-PCB Datasheet HTML 4Page - Sensortechnics GmbH 432LP02D-PCB Datasheet HTML 5Page - Sensortechnics GmbH 432LP02D-PCB Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
110L...-PCB / 430L...-PCB Series
Signal conditioned precision pressure transducers
2/6
January 2007 / 006
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS
1...6 V output version (unless otherwise noted V
S = 15 V, RL > 100 kΩ, tamb = 25°C)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
M
f
o
o
r
P
e
r
u
s
s
e
r
p
2
e
d
o
m
n
o
m
m
o
C
e
r
u
s
s
e
r
p
t
i
n
U
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
3
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
B
C
P
-
D
2
0
P
L
2
1
1
B
C
P
-
D
5
0
P
L
2
1
1
B
C
P
-
D
0
1
P
L
2
1
1
B
C
P
-
D
5
2
P
L
2
1
1
B
C
P
-
D
0
5
P
L
2
1
1
0
0
0
0
0
2
5
0
1
5
2
0
5
0
0
2
0
0
2
0
0
2
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
6
0
0
6
r
a
b
m
/
e
r
u
s
s
e
r
p
m
u
u
c
a
v
s
e
c
i
v
e
d
3
B
C
P
-
D
1
0
P
L
3
1
1
B
C
P
-
D
2
0
P
L
3
1
1
B
C
P
-
D
5
0
P
L
3
1
1
B
C
P
-
D
0
1
P
L
3
1
1
B
C
P
-
D
5
2
P
L
3
1
1
B
C
P
-
D
0
5
P
L
3
1
1
1
-
2
-
5
-
0
1
-
5
2
-
0
5
-
1
2
5
0
1
5
2
0
5
0
0
2
0
0
2
0
0
2
0
0
2
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
3
0
0
6
0
0
6
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
B
C
P
-
D
1
0
U
L
2
1
1
B
C
P
-
D
2
0
U
L
2
1
1
B
C
P
-
D
5
0
U
L
2
1
1
B
C
P
-
D
0
1
U
L
2
1
1
B
C
P
-
D
0
2
U
L
2
1
1
B
C
P
-
D
0
3
U
L
2
1
1
0
0
0
0
0
1
2
5
0
1
0
2
0
3
0
8
0
2
1
0
2
1
0
4
2
0
4
2
0
4
2
0
6
1
0
4
2
0
4
2
0
6
3
0
6
3
0
6
3
H
"
2O
e
r
u
s
s
e
r
p
/
m
u
u
c
a
v
s
e
c
i
v
e
d
3
B
C
P
-
D
1
0
U
L
3
1
1
B
C
P
-
D
2
0
U
L
3
1
1
B
C
P
-
D
5
0
U
L
3
1
1
B
C
P
-
D
0
1
U
L
3
1
1
B
C
P
-
D
0
2
U
L
3
1
1
B
C
P
-
D
0
3
U
L
3
1
1
1
-
2
-
5
-
0
1
-
0
2
-
0
3
-
1
2
5
0
1
0
2
0
3
0
8
0
2
1
0
2
1
0
4
2
0
4
2
0
4
2
0
6
1
0
4
2
0
4
2
0
6
3
0
6
3
0
6
3
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
4
B
C
P
-
.
.
.
L
2
1
1
B
C
P
-
.
.
.
L
3
1
1
5
9
.
0
4
.
3
0
.
1
5
.
3
5
0
.
1
6
.
3
V
n
a
p
s
e
l
a
c
s
ll
u
F
5
B
C
P
-
.
.
.
L
2
1
1
B
C
P
-
.
.
.
L
3
1
1
9
.
4
4
.
2
0
.
5
5
.
2
1
.
5
6
.
2
t
u
p
t
u
o
e
l
a
c
s
ll
u
F0
.
6
B
C
P
-
.
.
.
L
3
1
1
e
r
u
s
s
e
r
p
d
e
i
f
i
c
e
p
s
t
s
e
w
o
l
t
a
t
u
p
t
u
O0
.
1
s
t
c
e
f
f
e
l
a
m
r
e
h
T
)
C
°
0
5
o
t
0
(
6
t
e
s
f
f
OB
C
P
-
D
1
0
P
L
3
1
1
B
C
P
-
D
2
0
P
L
.
.
.
1
1
B
C
P
-
D
1
0
U
L
.
.
.
1
1
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
8
0
.
0
±
4
0
.
0
±
4
0
.
0
±
2
0
.
0
±
0
2
.
0
±
0
1
.
0
±
0
1
.
0
±
5
0
.
0
±
C
°
/
O
S
F
%
n
a
p
SB
C
P
-
D
1
0
P
L
3
1
1
B
C
P
-
D
2
0
P
L
.
.
.
1
1
B
C
P
-
D
1
0
U
L
.
.
.
1
1
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
8
0
.
0
±
4
0
.
0
±
4
0
.
0
±
2
0
.
0
±
0
2
.
0
±
0
1
.
0
±
0
1
.
0
±
4
0
.
0
±
)
L
S
B
(
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
N
7
1
.
0
±5
2
.
0
±
O
S
F
%
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
8
5
.
0
±
)
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R1
s
m
y
t
i
v
i
t
i
s
n
e
s
n
o
i
t
i
s
o
Ps
e
c
i
v
e
d
r
a
b
m
2
d
n
a
1
ll
a
s
e
c
i
v
e
d
r
e
h
t
o
ll
a
5
.
0
1
.
0
g
/
O
S
F
%
n
o
i
t
p
m
u
s
n
o
c
t
n
e
r
r
u
C2
.
4A
m
y
l
p
p
u
s
r
e
w
o
P
n
o
i
t
c
e
j
e
r
t
e
s
f
f
O
n
a
p
S
5
0
.
0
5
0
.
0
V
/
O
S
F
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com