Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPA030CV Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA030CV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA030CV Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA030CV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA030CV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EPA030C/EPA030CV
UPDATED 10/24/2006
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised October 2006
FEATURES
•
+23dBm TYPICAL OUTPUT POWER
•
11dB TYPICAL POWER GAIN FOR EPA030C
AND 12.0dB FOR EPA030CV AT 18GHz
•
0.3 X 300 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION AND PLATED HEAT SINK
•
ADVANCED EPITAXIAL DOPING PROFILE PROVIDES
HIGH POWER EFFICIENCY AND RELIABILITY
•
EPA030CV WITH VIA HOLE SOURCE GROUNDING
•
Idss SORTED IN 10mA PER BIN RANGE
Chip Thickness: 75
± 13 microns (EPA030C)
Chip Thickness: 85
± 15 microns (EPA030CV)
:
Via Hole
No Via Hole For EPA030C
ALL DIMENSIONS IN MICRONS
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device
.
EPA030C
EPA030CV
UNIT
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
21.0
23.0
21.0
23.0
P1dB
Output Power at 1dB Compression
f = 12GHz
VDS = 8V, IDS ≈ 50% IDSS
f = 18GHz
23.0
23.0
dBm
12.0
13.5
12.5
14.0
G1dB
Gain at 1dB Compression
f = 12GHz
VDS = 8V, IDS ≈ 50% IDSS
f = 18GHz
11.0
12.0
dB
PAE
Power Added Efficiency at 1dB Compression
VDS = 8V, IDS ≈ 50% IDSS
f = 12GHz
45
46
%
IDSS
Saturated Drain Current
VDS = 3V, VGS = 0V
50
90
130
50
90
130
mA
GM
Transconductance
VDS = 3V, VGS = 0V
60
95
60
95
mS
VP
Pinch-off Voltage
VDS = 3 V, IDS = 1.0 mA
-1.0
-2.5
-1.0
-2.5
V
BVGD
Drain Breakdown Voltage
IGD = 1.0mA
-13
-15
-13
-15
V
BVGS
Source Breakdown Voltage
IGS = 1.0mA
-7
-14
-7
-14
V
Rth
Thermal Resistance(Au-Sn Eutectic Attach)
125
95
oC/W
MAXIMUM RATINGS AT 25
OC
EPA030C
EPA030CV
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
ABSOLUTE
1
CONTINUOUS
2
VDS
Drain-Source Voltage
10V
8V
10V
8V
VGS
Gate-Source Voltage
-5V
-3V
-5V
-3V
Igf
Forward Gate Current
1.4mA
0.5mA
1.4mA
0.5mA
Igr
Reverse Gate Current
-0.2mA
-0.1mA
-0.2mA
-0.1mA
Pin
Input Power
20dBm
@ 3dB Compression
20dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
175
oC
175
oC
175
oC
Tstg
Storage Temperature
-65/175
oC
-65/175
oC
-65/175
oC
-65/175
oC
Pt
Total Power Dissipation
1.1W
1.1W
1.5W
1.5W
Note:
1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EPA030CV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA030C ETC-EPA030C Datasheet
38Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA030CV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com