Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPA680A Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA680A
Description  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA680A Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA680A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA680A Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA680A Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPA680A/EPA680AV
UPDATED 05/02/2006
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2006
Chip Thickness: 45
± 15 microns
: Via Hole
No Via Hole For EPA680A
All Dimensions In Microns
FEATURES
•
+36.5dBm TYPICAL OUTPUT POWER
•
6.5dB TYPICAL POWER GAIN FOR EPA680A
AND 8.0dB FOR EPA680AV AT 12GHz
•
0.4 X 6800 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION AND PLATED HEAT SINK
•
ADVANCED EPITAXIAL DOPING PROFILE PROVIDES
HIGH POWER EFFICIENCY AND RELIABILITY
•
Idss SORTED IN 160mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
Caution! ESD sensitive device.
EPA680A
EPA680AV
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
35.5
36.5
35.5
36.5
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
5.5
6.5
7
8
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
33
36
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
1250
2050
2690
1250
2050
2690
mA
Gm
Transconductance
Vds=3V, Vgs=0V
1360
2150
1360
2150
mS
Vp
Pinch-off Voltage
Vds=3V,Ids=20mA
-1.0
-2.5
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage
Igd=6.8mA
-13
-15
-13
-15
V
BVgs
Source Breakdown Voltage
Igs=6.8mA
-7
-14
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
6
5.5
oC/W
MAXIMUM RATINGS AT 25
OC
EPA680A
EPA680AV
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
12V
8V
Vgs
Gate-Source Voltage
-5V
-3V
-5V
-3V
Igsf
Forward Gate Current
30.6 mA
10.2 mA
30.6 mA
10.2 mA
Igsr
Reserve Gate Current
-5.1 mA
-1.7 mA
-5.1 mA
-1.7 mA
Pin
Input Power
33.5 dBm
@ 3dB Compression
33.5 dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
175
oC
175
oC
175
oC
Tstg
Storage Temperature
-65/175
oC
-65/175
oC
-65/175
oC
-65/175
oC
Pt
Total Power Dissipation
23 W
23 W
25 W
25 W
Note:
1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
D
DD
D
G
G
G
G
60
231
1320
40
135
201
50
100
48
440


Similar Part No. - EPA680A

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA680A-180F EXCELICS-EPA680A-180F Datasheet
87Kb / 1P
High Efficiency Heterojunction Power FET
EPA680AV-180F EXCELICS-EPA680AV-180F Datasheet
87Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA680A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com