Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMP706P Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP706P
Description  3/3..3/4..0V μP Supervisorr Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP706P Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP706P Datasheet HTML 1Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 2Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 3Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 4Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 5Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 6Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 7Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 8Page - A1 PROs co., Ltd. IMP706P Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
Absolute Maximum Ratings
Electrical Characteristics
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All other inputs . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC and GND . . . . . . . . . . 20mA
Output Current: All outputs . . . . . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . . 100V/µs
Plastic DIP Power Dissipation . . . . . . . . . . . 700mW
(Derate 9mW/
°C above 70°C)
SO Power Dissipation . . . . . . . . . . . . . . . . . . 470mW
(Derate 5.9mW/
°C above 70°C)
MicroSO Power Dissipation . . . . . . . . . . . . . 330mW
(Derate 4.1mW/
°C above 70°C)
Operating Temperature Range
IMP706xE, IMP708xE . . . . . . . . . . . . . . . . . . –40
°C to +85°C
IMP706xC, IMP708xC . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature Soldering (10 sec) . . . . . . 300
°C
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (IMP706P,
IMP708R), 3.0V to 5.5V (IMP706/8S), 3.15V to 5.5V (IMP706/8T) and 4.1V to 5.5V (IMP706/8J).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
ti
n
U
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
g
n
a
R
V C
C
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
1
.
1
2
.
1
5
.
5
5
.
5
V
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
6
.
3
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
5
.
5
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
d
l
o
h
s
e
r
h
T
T
E
S
E
RV T
R
s
e
c
i
v
e
d
R
d
n
a
P
s
e
c
i
v
e
d
S
s
e
c
i
v
e
d
T
s
e
c
i
v
e
d
J
5
5
.
2
5
8
.
2
0
0
.
3
9
8
.
3
3
6
.
2
3
9
.
2
8
0
.
3
0
0
.
4
0
7
.
2
0
0
.
3
5
1
.
3
0
1
.
4
V
d
l
o
h
s
e
r
h
T
T
E
S
E
R
s
i
s
e
r
e
t
s
y
H
0
4V
m
h
t
d
i
W
e
s
l
u
P
T
E
S
E
Rt S
R
V C
C
,
)
s
e
c
i
v
e
d
R
/
P
,
8
/
6
0
7
P
M
I
(
V
3
=
V C
C
)
s
e
c
i
v
e
d
T
/
S
,
8
/
6
0
7
P
M
I
(
V
3
.
3
=
V C
C
)
s
e
c
i
v
e
d
J
,
8
/
6
0
7
P
M
I
(
V
4
.
4
=
0
4
10
0
20
8
2s
m
V C
C
V
5
=0
0
2
h
t
d
i
W
e
s
l
u
P
R
Mt R
M
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
1s
n
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
0
5
y
a
l
e
D
t
u
O
T
E
S
E
R
o
t
R
Mt D
M
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
5
7s
n
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
2
d
l
o
h
s
e
r
h
T
t
u
p
n
I
R
MV H
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
7
.
0
C
C
V
V L
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<6
.
0
V H
I
V
<
V
5
.
4
C
C
V
5
.
5
<0
.
2
V L
I
V
<
V
5
.
4
C
C
V
5
.
5
<8
.
0
r
o
t
s
i
s
e
R
p
u
-
ll
u
P
R
MRP
0
10
20
4k
Ω
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
)
s
e
c
i
v
e
d
J
/
T
/
S
/
R
ll
A
(
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
–V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<3
.
0
V L
O
I
K
N
I
S
0
5
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
(
V
1
.
1
=3
.
0
I
K
N
I
S
0
0
1
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
(
V
2
.
1
=3
.
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com