Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPA120BV Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA120BV
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA120BV Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA120BV Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA120BV Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EPA120B/EPA120BV
DATA SHEET
High Efficiency Heterojunction Power FET
EPA120B
S-PARAMETERS
EPA120B
8V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.873
-97.8 14.614 124.8
0.030
40.1
0.245
-89.7
2.0
0.866
-133.3
8.974 103.2
0.035
27.0
0.239
-119.4
4.0
0.865
-159.6
4.841
81.9
0.038
19.8
0.258
-137.9
6.0
0.864
-170.9
3.287
67.7
0.037
21.8
0.296
-142.5
8.0
0.872
-177.9
2.476
55.8
0.037
23.5
0.344
-145.9
10.0
0.877
176.9
1.974
45.6
0.035
27.7
0.385
-149.2
12.0
0.890
171.7
1.633
35.0
0.036
30.8
0.429
-154.4
14.0
0.899
166.4
1.367
24.3
0.039
30.5
0.472
-161.9
16.0
0.901
161.5
1.148
13.5
0.041
29.9
0.519
-171.5
18.0
0.917
156.9
0.980
2.7
0.045
27.3
0.575
178.6
20.0
0.908
152.3
0.819
-7.9
0.051
26.1
0.635
169.2
22.0
0.896
149.4
0.698
-16.0
0.058
26.3
0.686
162.5
24.0
0.903
145.8
0.616
-23.4
0.069
26.7
0.734
157.7
26.0
0.886
143.8
0.552
-28.0
0.084
27.1
0.750
155.7
S-PARAMETERS
EPA120BV
8V, 1/2 Idss
Note: The data included 0.7 mils diameter Au bonding wires; 2 gate wires, 15 mils each; 2 drain wires, 20 mils each;
6 source wires, 7 mils each; no source wires for EPA120BV.
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG ANG
MAG
ANG
1.0 0.887
-88.4 15.05
9
130.0 0.029 41.8 0.272
-73.8
2.0 0.879
-127.4 9.715 107.1 0.036 25.4 0.256 -107.7
4.0 0.887
-157.2 5.309
84.0 0.038 11.4 0.274 -129.7
6.0 0.899
-168.8 3.554
69.5 0.036
6.6 0.316 -137.2
8.0 0.905
-175.1 2.651
58.1 0.035
3.3 0.372 -140.3
10.0 0.909
-179.4 2.091
48.2 0.032
1.0 0.430 -143.1
12.0 0.913
176.6 1.726
38.2 0.030
-0.8 0.484 -147.7
14.0 0.916
171.5 1.462
27.9 0.030
-2.9 0.528 -154.0
16.0 0.925
165.2 1.263
16.8 0.030
-6.7 0.570 -162.0
18.0 0.930
157.9 1.088
4.6 0.030 -10.1 0.611 -171.8
20.0 0.939
151.1 0.936
-7.4 0.031 -14.1 0.654 178.3
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG ANG
MAG
ANG
21.0 0.946
149.8 0.824
-11.5 0.029 -15.2 0.700 174.9
22.0 0.956
148.9 0.752
-16.0 0.030 -13.2 0.720 170.6
24.0 0.967
148.0 0.636
-24.1 0.029 -11.8 0.769 164.6
26.0 0.967
148.0 0.554
-30.0 0.029
-4.9 0.799 162.4
28.0 0.956
148.0 0.503
-34.2 0.033
0.1 0.828 161.4
30.0 0.951
146.2 0.473
-39.5 0.034
-3.5 0.850 161.0
32.0 0.937
141.5 0.443
-47.2 0.033 -11.3 0.854 158.1
34.0 0.931
134.2 0.403
-57.4 0.029 -15.4 0.858 151.4
36.0 0.949
125.4 0.363
-69.3 0.029 -29.0 0.881 140.4
38.0 0.969
117.5 0.316
-81.0 0.038 -56.8 0.910 127.9
40.0 0.981
113.5 0.284
-92.8 0.050 -85.1 0.930 119.2
P-1dB & PAE vs. Vds
24
26
28
30
32
34
36
38
40
4
5
6
7
8
Drain-Source Voltage (V)
20
25
30
35
40
45
50
55
f = 12 GHz
Ids = 50% Idss
Pout & PAE vs. Pin
0
10
20
30
40
50
-10
-5
0
5
10
15
20
25
Pin (dBm)
f = 12 GHz
Vds = 8V, Ids = 50% Idss
PAE
Pout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com