Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMP2524 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP2524
Description  Quad USB Hiigh--Siide Power Swiittch wiitth Faulltt Dettecttiion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP2524 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP2524 Datasheet HTML 1Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP2524 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP252
IMP252 4/2
4/277
POWER MANAGEMENT
ADVANCE PRODUCT INFORMATION
Applications
N USB host and self-powered hubs
N USB video monitors
N USB printers
N USB Rev. 1.1 and 2.0 Compliant
N Four independent switches
N 2.7V to 5.5V input operation
N Low MOSFET ON resistance
– IMP2524: 0.1
Ω, 0.14Ω maximum
– IMP2527: 0.2
Ω, 0.3Ω maximum
N 500mA continuos load current per switch
N Low supply current
– 110µA ON-state current, 0.75µA OFF-state
current
N 1.25A maximum current limit, 750mA typical
N Thermal shutdown 2.4V undervoltage lockout
(UVLO)
N Open-drain flag output
– Undervoltage
– Current limit
– Thermal shutdown
N Output can be force higher than input
N Active HIGH(-1) and active LOW(-2) enable
N 16-pin SO and DIP packages, Die available
N Pin compatible with the Micrel MIC2524 and
MIC2527
Typical Application
Quad USB High-Side P
Quad USB High-Side Po
ow
wer
er
Switc
Switch wit
h with F
h Fault Det
ault Detection
ection
The IMP2524 and IMP2527 are complete power management solutions
for bus-powered and self-powered USB hubs. Each device contains four
independent power switches and fault detection logic. The IMP2524
channel resistance is a low 140m
Ω maximum and the IMP2527 channel
resistance is 300
Ω maximum. Both device operate with voltage inputs
from 2.7V to 5.5V
The IMP2524/2527 conform to the new USB 1.1 standard. Fault current
is limited to 750mA typically, and a flag output for each switch conveys
fault information to the local USB controller. The IMP252x “Soft-Start”
function ramps the ON-current to eliminate any excessive voltage drop
on the input side that could occur when capacitive loads are charged.
Self-monitoring features include thermal shutdown to prevent
catastrophic switch failure from high-current loads and undervoltage
lockout (UVLO) that insures that the device remains OFF unless there is
sufficient supply voltage present.
The switch Enable input logic can interface with both 3.3V and 5V logic.
Both active-HIGH (-1 devices) and active-LOW (-2 devices) enable logic
versions are available. Supply current is a low 0.75
µA when disabled and
just 110
µA when enabled
The quad IMP2524/7 devices are available in 16-pin DIP and 16-pin
SO packages and are pin compatible replacements for the Micrel
MIC2524-1/-2 and MIC2527-1/2 devices. IMP offers a complete family
of USB power management products. For single-switch applications see
the IMP2525 and IMP2525A data sheets. The single-switch IMP2525A
features a 0.07
Ω switch resistance. For dual-switch applications, refer to
the IMP2526 data sheet.
Data
Ferrite Bead
2
1
3
4
5
6
7
8
INA/B
INC/D
OUTA
OUTB
OUTC
OUTD
GND
GND
16
15
14
13
12
11
10
9
ENA
FLGA
ENB
FLGB
ENC
FLGC
END
FLGD
IMP2524
IMP2527
USB Controller
V+
D+
D–
ON/OFF
OVERCURRENT
LDO
OUT
IN
GND
GND
27k
1
mF
0.01
mF
0.1
mF
10k
2524/27_01.eps
33
mF*
GND
D–
D+
Downstream
USB
Port 1
500mA max.
VBUS
+
IMP2527
5.1V
± 3%
5V
± 1%
or
IMP2524
5V
± 3%
0.01
mF
33
mF*
GND
D–
D+
Downstream
USB
Port 2
500mA max.
VBUS
+
4.7
mF +
0.01
mF
33
mF*
GND
D–
D+
Downstream
USB
Port 3
500mA max.
VBUS
+
0.01
mF
33
mF*
GND
D–
D+
Downstream
USB
Port 4
500mA max.
VBUS
+
Bold/Blue lines indicate 0.1" wide, 1-oz. copper high-current traces.
*33
mF, 16V tantalum or 100mF, 10V electrolytic per port
Key Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com