Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74ACT3641PCB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT3641PCB
Description  1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT3641PCB Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT3641PCB Datasheet HTML 1Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 2Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 3Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 4Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 5Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 6Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 7Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 8Page - Texas Instruments SN74ACT3641PCB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SN74ACT3641
1024
× 36
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS338C – JANUARY 1994 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
D Clocked FIFO Buffering Data From Port A
to Port B
D Memory Size: 1024 × 36
D Synchronous Read-Retransmit Capability
D Mailbox Register in Each Direction
D Programmable Almost-Full and
Almost-Empty Flags
D Microprocessor Interface Control Logic
D Input-Ready and Almost-Full Flags
Synchronized by CLKA
D Output-Ready and Almost-Empty Flags
Synchronized by CLKB
D Low-Power 0.8-µm Advanced CMOS
Technology
D Supports Clock Frequencies up to 67 MHz
D Fast Access Times of 11 ns
D Pin-to-Pin Compatible With the
SN74ACT3631 and SN74ACT3651
D Package Options Include 120-Pin Thin
Quad Flat (PCB) and 132-Pin Plastic Quad
Flat (PQ) Packages
description
The SN74ACT3641 is a high-speed, low-power, CMOS clocked FIFO memory. It supports clock frequencies
up to 67 MHz and has read access times as fast as 12 ns. The 1024
× 36 dual-port SRAM FIFO buffers data
from port A to port B. The FIFO memory has retransmit capability, which allows previously read data to be
accessed again. The FIFO has flags to indicate empty and full conditions and two programmable flags (almost
full and almost empty) to indicate when a selected number of words is stored in memory. Communication
between each port takes place with two 36-bit mailbox registers. Each mailbox register has a flag to signal when
new mail has been stored. Two or more devices are used in parallel to create wider datapaths. Expansion is
also possible in word depth.
The SN74ACT3641 is a clocked FIFO, which means each port employs a synchronous interface. All data
transfers through a port are gated to the low-to-high transition of a continuous (free-running) port clock by enable
signals. The continuous clocks for each port are independent of one another and can be asynchronous or
coincident. The enables for each port are arranged to provide a simple interface between microprocessors
and/or buses with synchronous control.
The input-ready (IR) flag and almost-full (AF) flag of the FIFO are two-stage synchronized to CLKA. The
output-ready (OR) flag and almost-empty (AE) flag of the FIFO are two-stage synchronized to CLKB. Offset
values for the AF and AE flags of the FIFO can be programmed from port A or through a serial input.
The SN74ACT3641 is characterized for operation from 0
°C to 70°C.
For more information on this device family, see the following application reports:
• FIFO Patented Synchronous Retransmit: Programmable DSP-Interface Application for FIR Filtering
(literature number SCAA009)
• FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
• Metastability Performance of Clocked FIFOs (literature number SCZA004)
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT3641PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PCB TI1-SN74ACT3622-15PCB Datasheet
513Kb / 31P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQ TI1-SN74ACT3622-15PQ Datasheet
513Kb / 31P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-15PQG4 TI1-SN74ACT3622-15PQG4 Datasheet
513Kb / 31P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622-20PQ TI1-SN74ACT3622-20PQ Datasheet
513Kb / 31P
256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT3641PCB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3631 TI-SN74ACT3631 Datasheet
378Kb / 26P
512 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI1-SN74ACT7881_15 Datasheet
275Kb / 19P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com