Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTEM9P01GD0 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # CTEM9P01GD0
Description  OEM pressure transmitters for industrial media
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9P01GD0 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  CTEM9P01GD0 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9P01GD0 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9P01GD0 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9P01GD0 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9P01GD0 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9P01GD0 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
5/6
December 2008 / 509
www.sensortechnics.com
16
600
0
9
5
200
400
800
1000
Ohm
1200
1400
30
20
25
supply voltage
32 V
)
s
e
h
c
n
i
(
m
m
n
i
s
n
o
i
s
n
e
m
i
D
AB
C
)
.
x
e
H
(
D
T
P
S
B
"
8
/
1)
5
1
3
.
0
(
8)
2
1
5
.
0
(
3
1)
"
6
1
/
9
(
4
1
T
P
S
B
"
4
/
1)
2
7
4
.
0
(
2
1)
7
1
2
.
0
(
5
.
5)
"
8
1
/
9
(
4
1
T
P
S
B
"
8
/
3)
3
5
4
.
0
(
5
.
1
1)
7
9
1
.
0
(
5)
"
6
1
/
1
1
(
7
1
T
P
S
B
"
2
/
1)
0
3
6
.
0
(
6
1)
6
7
2
.
0
(
7)
"
8
/
7
(
2
2
P
S
B
"
8
/
1)
2
9
4
.
0
(
5
.
2
1)
3
3
4
.
0
(
1
1)
"
6
1
/
9
(
4
1
P
S
B
"
4
/
1)
5
3
3
.
0
(
5
.
8)
7
9
1
.
0
(
5)
"
4
/
3
(
9
1
P
S
B
"
8
/
3)
2
9
4
.
0
(
5
.
2
1)
6
7
2
.
0
(
7)
"
8
/
7
(
2
2
T
P
N
"
8
/
1)
4
9
3
.
0
(
0
1)
2
1
5
.
0
(
3
1)
"
6
1
/
1
1
(
7
1
T
P
N
"
4
/
1)
1
5
5
.
0
(
4
1)
6
3
2
.
0
(
6)
"
8
/
7
(
2
2
OPTIONAL PRESSURE FITTINGS
(brass, nickel plated)
Male
fittings
Female
fittings
LOAD LIMITATION
4...20 mA output version
dimensions in mm
)
s
e
h
c
n
i
(
m
m
n
i
s
n
o
i
s
n
e
m
i
D
EF
G
)
.
x
e
H
(
H
P
S
B
"
8
/
1)
7
9
1
.
0
(
5)
1
9
5
.
0
(
5
1)
"
6
1
/
9
(
4
1
P
S
B
"
4
/
1)
6
7
2
.
0
(
7)
7
8
7
.
0
(
0
2)
"
6
1
/
1
1
(
7
1
P
S
B
"
8
/
3)
6
3
2
.
0
(
6)
7
8
7
.
0
(
0
2)
"
8
/
7
(
2
2
P
S
B
"
2
/
1)
7
0
7
.
0
(
8
1)
6
0
9
.
0
(
3
2)
"
6
1
/
5
1
(
4
2
B
C
A
D
F
E
H
G
RECOMMENDED ACCESSORY (not included in delivery)
ZK000101:
Connector/cable assembly (different cable lenghts available)
ZP000112-B:
Mating Connector (without cable)
Note:
For proper function of all gage
devices the vent tube must have
access to the ambient atmosphere.
N
O
I
T
C
E
N
N
O
C
N
I
P
n
i
Pd
n
e
d
a
e
l
g
n
i
y
l
F
1n
w
o
r
B
2n
e
e
r
G
3d
l
e
i
h
s
d
n
a
e
t
i
h
W
4w
o
ll
e
Y
Shield
Ø 20
M12x1
NOM 2 m
NOM 60
Vent tube
(other cable lenghts on request)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com