Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DC010BDR4 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # DC010BDR4
Description  SURSENSETM precision very low pressure sensors / V-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC010BDR4 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  DC010BDR4 Datasheet HTML 1Page - Sensortechnics GmbH DC010BDR4 Datasheet HTML 2Page - Sensortechnics GmbH DC010BDR4 Datasheet HTML 3Page - Sensortechnics GmbH DC010BDR4 Datasheet HTML 4Page - Sensortechnics GmbH DC010BDR4 Datasheet HTML 5Page - Sensortechnics GmbH DC010BDR4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
FEATURES
· Ranges from 1 to 30 "H
2O and
2.5 to 75 mbar differential or gage
· Precision temperature compensated
· Calibrated offset and span
· Extremely low position sensitivity
· Excellent long term stability
· Ratiometric output or
internal supply regulation
EQUIVALENT CIRCUIT
SERVICE
Non-corrosive, non-ionic working fluids such as
clean dry air, dry gases and the like.
The media wetted materials are:
- silicon diaphragm
- glass filled nylon
- RTV
- ceramic (Al
2O3)
-
+
+Vs (1)
Vout (3)
GND (2)


Similar Part No. - DC010BDR4

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
DC010 KNIGHTSBRIDGE-DC010 Datasheet
161Kb / 1P
Wireless door chime
23/04/2024
logo
Proto Advantage SMD Ada...
DC01005-S PROTOADVANTAGE-DC01005-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC01005-S PROTOADVANTAGE-DC01005-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC01005-S PROTOADVANTAGE-DC01005-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
DC01005-S PROTOADVANTAGE-DC01005-S Datasheet
53Kb / 2P
Discrete (2 Pin) Stencils
revision 1.0
More results

Similar Description - DC010BDR4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCXL004DN ETC1-SCXL004DN Datasheet
125Kb / 3P
Precision Compensated, Low Pressure Sensors
logo
Sensortechnics GmbH
BTEL5001D1A SENSORTECHNICS-BTEL5001D1A Datasheet
136Kb / 6P
Precision very low differential pressure transmitters
CPC15AC SENSORTECHNICS-CPC15AC Datasheet
83Kb / 6P
Precision compensated pressure sensors / mV-output
DCXL01DS SENSORTECHNICS-DCXL01DS Datasheet
78Kb / 5P
SURSENSETM precision very low pressure sensors / mV-output
XPC30GFC SENSORTECHNICS-XPC30GFC Datasheet
102Kb / 6P
Precision compensated pressure sensors / mV-output
XPC15GFH SENSORTECHNICS-XPC15GFH Datasheet
103Kb / 6P
Precision compensated pressure sensors / mV-output
BTEL5000D1A SENSORTECHNICS-BTEL5000D1A Datasheet
118Kb / 5P
Precision very low differential pressure transmitters
PCOH004DH SENSORTECHNICS-PCOH004DH Datasheet
61Kb / 3P
Precision compensated pressure sensors / mV-output
PLAM001DB SENSORTECHNICS-PLAM001DB Datasheet
119Kb / 4P
Amplified precision very low pressure sensors
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
Precision very low pressure sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com