Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTEM9P01GD6 Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # CTEM9P01GD6
Description  OEM pressure transmitters for industrial media
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CTEM9P01GD6 Datasheet(HTML) 6 Page - Sensortechnics GmbH

  CTEM9P01GD6 Datasheet HTML 1Page - Sensortechnics GmbH CTEM9P01GD6 Datasheet HTML 2Page - Sensortechnics GmbH CTEM9P01GD6 Datasheet HTML 3Page - Sensortechnics GmbH CTEM9P01GD6 Datasheet HTML 4Page - Sensortechnics GmbH CTEM9P01GD6 Datasheet HTML 5Page - Sensortechnics GmbH CTEM9P01GD6 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CTE9000 / CTU9000 Series
OEM pressure transmitters for industrial media
6/6
December 2008 / 509
www.sensortechnics.com
E:
bar calibration
U:
psi calibration
mbar-ranges
(only)
CTE9000 series
350: 0 to 350 mbar (gage only)
001:
0 to 1 bar
N01:
-1 to +1 bar (gage only)
P01:
-1 to 0 bar (gage only)
002:
0 to 2 bar
003:
0 to 3 bar
005:
0 to 5 bar
010:
0 to 10 bar
016:
0 to 16 bar
020:
0 to 20 bar
035:
0 to 35 bar
Pressure mode
G:
gage pressure1
A:
absolute pressure
(available for pressure ranges from 1 bar /15 psi absolute upwards only)
ORDERING INFORMATION
CTx
M
9xxx
x
x
x
Output signal
0:
0...10 V
1:
1...6 V
4:
4...20 mA
6:
0.5...4.5 V
7:
0...5 V
Fitting size9
D:
1/8" BSPT male, brass, nickel plated
E:
1/4" BSPT male, brass, nickel plated
F:
3/8" BSPT male, brass, nickel plated
G:
1/2" BSPT male, brass, nickel plated
K:
1/8" NPT male, brass
L:
1/4" NPT male, brass
M: 1/8" NPT male, SS 1.4305 (303)
N:
1/4" NPT male, SS 1.4305 (303)
P:
G 1/8" (BSP) male, brass, nickel plated
Q:
G 1/4" (BSP) male, brass, nickel plated
R:
G 3/8" (BSP) male, brass, nickel plated
S:
G 1/2" (BSP) male, brass, nickel plated
U:
G 1/8" (BSP) female, brass, nickel plated
V:
G 1/4" (BSP) female, brass, nickel plated
W: G 3/8" (BSP) female, brass, nickel plated
X:
G 1/2" (BSP) female, brass, nickel plated
Y:
G 1/8" (BSP) male, SS 1.4404 (316)
no optional fitting
CTU9000 series
005:
0 to 5 psi (gage only)
015:
0 to 15 psi
N15: -15 to +15 psi
(gage only)
P15:
-15 to 0 psi
(gage only)
030:
0 to 30 psi
050:
0 to 50 psi
100:
0 to 100 psi
300:
0 to 300 psi
500:
0 to 500 psi
ELECTROMAGNETIC CAPABILITY8
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
Note:
Other pressure ranges and options are widely available.
Please contact your nearest Sensortechnics sales representative.
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
,
3
e
d
a
r
G
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
8
±
,
4
e
d
a
r
G
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
,
3
e
d
a
r
G
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com