Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTOP005A7 Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # RTOP005A7
Description  Stainless steel pressure sensors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RTOP005A7 Datasheet(HTML) 4 Page - Sensortechnics GmbH

  RTOP005A7 Datasheet HTML 1Page - Sensortechnics GmbH RTOP005A7 Datasheet HTML 2Page - Sensortechnics GmbH RTOP005A7 Datasheet HTML 3Page - Sensortechnics GmbH RTOP005A7 Datasheet HTML 4Page - Sensortechnics GmbH RTOP005A7 Datasheet HTML 5Page - Sensortechnics GmbH RTOP005A7 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
E / 11714 / A
RTO Series
www.sensortechnics.com
Stainless steel pressure sensors
RTO...2 (flush mount package)
mass: 18 g
dimensions in inches (mm)
Ø .668 (16.98)
CKT CAVITY
4 x .125 (3.2)
GROOVE FOR
AS568-016 O-RING (15.6 x 1.78)
Ø .650 (16.51)
O-RING GROOVE
Ø .736 (18.69)
WELD RELIEF
Ø .746
(18.95)
2.0 NOMEX INSULATED
RIBBON CABLE
W/ .100 (2.54) PIN SPACING
(24 AWG EQUIV.)
mass: 20 g
dimensions in inches (mm)
Ø .668 (16.98)
CKT CAVITY
4 x .125 (3.2)
Ø .746
(18.95)
2.0 NOMEX INSULATED
RIBBON CABLE
W/ .100 (2.54) PIN SPACING
(24 AWG EQUIV.)
GROOVE FOR
AS568-016 O-RING (15.6 x 1.78)
Ø .650 (16.51)
O-RING GROOVE
Ø .736 (18.69)
WELD RELIEF
Ø .594 (15.09)
RING I.D.
Note:
Non-concentricity effects at the diaphragm weld area may cause run out of up to ±0.006“ between the
upper and lower portions of the sensor body (it is recommended to use a counter bore in the mating bore
used with this device to allow for this non-concentricity).
PHYSICAL DIMENSIONS
RTO...1 (cell package)
third angle projection
third angle projection
Do not touch the diaphragm!
Do not touch the diaphragm!



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com