Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSC3002GH Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # SSC3002GH
Description  Temperature compensated silicon stainless steel pressure sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SSC3002GH Datasheet(HTML) 2 Page - Sensortechnics GmbH

  SSC3002GH Datasheet HTML 1Page - Sensortechnics GmbH SSC3002GH Datasheet HTML 2Page - Sensortechnics GmbH SSC3002GH Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SSC3000 Series
Temperature compensated silicon stainless steel pressure sensors
2/3
September 2004 / 029
www.sensortechnics.com
ORDERING INFORMATION
Operating pressure
flush mount
1/4" - 18 NPT thread
1/8" - 27 NPT thread
Package version
0 - 1 bar absolute
0 - 2 bar absolute
0 - 5 bar absolute
0 - 16 bar absolute
0 - 1 bar gage
0 - 2 bar gage
0 - 5 bar gage
0 - 16 bar gage
O-ring, 17 x 1 mm
SSC3001AA
SSC3002AA
SSC3005AA
SSC3016AA
SSC3001GA
SSC3002GA
SSC3005GA
SSC3016GA
SSCAI-SEAL
SSC3001AH
SSC3002AH
SSC3005AH
SSC3016AH
SSC3001GH
SSC3002GH
SSC3005GH
SSC3016GH
---
SSC3001AJ
SSC3002AJ
SSC3005AJ
SSC3016AJ
SSC3001GJ
SSC3002GJ
SSC3005GJ
SSC3016GJ
---
PERFORMANCE CHARACTERISTICS (unless otherwise noted, I
S = 1 mA, tamb = 25°C)
Typ.
±1
100
70
95
0.1
0.01
±0.2
±0.2
±0.1
4.0
5.0
±0.1
±0.1
40
Max.
1
2
5
16
2
130
90
120
±0.25
±0.05
±1.0
±1.0
±0.2
4.8
6.0
Unit
bar
mV
%FSO
k
Ω
%FSO
mW
Min.
-2
70
50
65
2.9
4.0
Specification notes (for all devices):
1.
2.
3.
4.
5.
6.
Proof pressure is the max. pressure which may be applied without causing damage to the sensing element.
Full scale measurement at maximum operating pressure.
Non-linearity - the maximum deviation of measured output at constant temperature, from "Best Straight Line"
through three points (offset pressure, full scale pressure and half scale pressure).
Temperature tested and guaranteed from at 70°C relative to 25°C. All specs. are shown relative to 25°C.
Change in output after 1 year.
Recommended o-ring 17 x 1 mm #674-70.
Characteristics
Operating pressure
SSC3001...
SSC3002...
SSC3005...
SSC3016...
Zero pressure offset
Full scale output2
SSC3001.../SSC3002...
SSC3005...
SSC3016...
Non-linearity (BSL)3
Hysteresis and repeatability
Thermal effects (0 to 70°C)4
Offset
Full scale output
Hysteresis
Input impedance
Output impedance
Long term stability5
Offset
Span
Power consumption



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com