Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-LS0603LEC Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-LS0603LEC
Description  SMD LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-LS0603LEC Datasheet(HTML) 2 Page - BetLux Electronics

  BL-LS0603LEC Datasheet HTML 1Page - BetLux Electronics BL-LS0603LEC Datasheet HTML 2Page - BetLux Electronics BL-LS0603LEC Datasheet HTML 3Page - BetLux Electronics BL-LS0603LEC Datasheet HTML 4Page - BetLux Electronics BL-LS0603LEC Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.betlux.com
SMD LED LAMP
BL-LS0603LXX
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Electrical-optical characteristics: (Ta=25°C)
(Test Condition: IF=20mA)
Chip
Forward
Voltage(VF)
Unit:V
Luminous
Intensity
(Iv)
Unit:mcd
Part Number
Emitted Color
Material
λλλλP
(n
m)
Lens
Type
Typ
Max
Min.
Typ.
Viewi
ng
Angle
2θ1/2
(deg)
BL-LS0603LUDR
Ultra Red
AlGaAs
655
2.10
2.50
17
55
BL-LS0603LUHR
Ultra Red
AlGaAs
645
2.10
2.60
25
75
BL-LS0603LUEC
Ultra Orange
AlGaAs
630
2.10
2.50
20
70
BL-LS0603LUHD
Ultra Orange
AlGaAs
618
2.10
2.60
45
105
BL-LS0603LUYO
Ultra Amber
AlGaInP
610
2.10
2.60
25
75
BL-LS0603LUYC
Ultra Yellow
AlGaInP
593
2.10
2.60
20
65
BL-LS0603LUGC
Ultra Green
AlGaInP
575
2.20
2.70
10
35
BL-LS0603LPGC
Ultra Pure Green
InGaN
525
3.50
4.20
50
100
BL-LS0603LBGC
Ultra Bluish Green
InGaN
505
3.50
4.20
50
100
BL-LS0603LDNB
Blue
InGaN
470
3.50
4.20
10
30
BL-LS0603LUBC
Ultra Blue
InGaN
470
3.50
4.20
10
25
BL-LS0603LUWC
Ultra White
InGaN
/
Water
Clear
3.50
4.20
40
200
130
Absolute maximum ratings (Ta=25°C)
Parameter
UDR
UHR
UE
UHD
UYO
UY
UG
PG
BG
DNB
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
78
78
78
78
78
78
78
78
78
78
78
78
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
100
100
100
100
100
100
100
100
100
100
100
100
mA
Operation Temperature TOPR
-30 to +80
Storage Temperature TSTG
-40 to +85
Lead Soldering Temperature
TSOL
Max.260
5
for 3 sec Max.
(1.6mm from the base of the epoxy bulb)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com