Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2228 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2228
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228 Datasheet(HTML) 3 Page - Linear Technology

  LTC2228 Datasheet HTML 1Page - Linear Technology LTC2228 Datasheet HTML 2Page - Linear Technology LTC2228 Datasheet HTML 3Page - Linear Technology LTC2228 Datasheet HTML 4Page - Linear Technology LTC2228 Datasheet HTML 5Page - Linear Technology LTC2228 Datasheet HTML 6Page - Linear Technology LTC2228 Datasheet HTML 7Page - Linear Technology LTC2228 Datasheet HTML 8Page - Linear Technology LTC2228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2228/LTC2227/LTC2226
3
222876fb
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
LTC2228
LTC2227
LTC2226
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Resolution
(No Missing Codes)
l
12
12
12
Bits
Integral
Linearity Error
Differential Analog Input (Note 5)
l
–1.1
±0.3
1.1
–1
±0.3
1
–1
±0.3
1
LSB
Differential
Linearity Error
Differential Analog Input
l
–0.8
±0.15
0.8
–0.7
±0.15
0.7
–0.7
±0.15
0.7
LSB
Offset Error
(Note 6)
l
–12
±2
12
–12
±2
12
–12
±2
12
mV
Gain Error
External Reference
l
–2.5
±0.5
2.5
–2.5
±0.5
2.5
–2.5
±0.5
2.5
%FS
Offset Drift
±10
±10
±10
μV/°C
Full-Scale Drift
Internal Reference
±30
±30
±30
ppm/°C
External Reference
±5
±5
±5
ppm/°C
Transition Noise
SENSE = 1V
0.25
0.25
0.25
LSBRMS
ANALOG INPUT The l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ – AIN–)
2.7V < VDD < 3.4V (Note 7)
l
±0.5V to ±1V
V
VIN,CM
Analog Input Common Mode (AIN+ + AIN–)/2
Differential Input (Note 7)
Single-Ended Input (Note 7)
l
l
1
0.5
1.5
1.5
1.9
2
V
V
IIN
Analog Input Leakage Current
0V < AIN+, AIN– < VDD
l
–1
1
μA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
l
–3
3
μA
IMODE
MODE Pin Leakage
l
–3
3
μA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
575
MHz
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
LTC2228
LTC2227
LTC2226
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
71.3
71.4
71.4
dB
12.5MHz Input
l
70.2
71.2
dB
20MHz Input
l
70.1
71.3
dB
30MHz Input
l
70
71.3
dB
70MHz Input
71.3
71.1
70.9
dB
140MHz Input
71
70.7
70.6
dB
SFDR
Spurious Free
Dynamic Range
2nd or 3rd
Harmonic
5MHz Input
90
90
90
dB
12.5MHz Input
l
76
90
dB
20MHz Input
l
76
90
dB
30MHz Input
l
75
90
dB
70MHz Input
85
85
85
dB
140MHz Input
80
80
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com