Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1SMA40CAT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 1SMA40CAT3
Description  Zener Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMA40CAT3 Datasheet(HTML) 1 Page - Motorola, Inc

  1SMA40CAT3 Datasheet HTML 1Page - Motorola, Inc 1SMA40CAT3 Datasheet HTML 2Page - Motorola, Inc 1SMA40CAT3 Datasheet HTML 3Page - Motorola, Inc 1SMA40CAT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MOTOROLA
1SMA10CAT3 through 1SMA78CAT3
Zener Transient Voltage
Suppressors
Specification Features:
• Reverse Stand–Off Voltage Range: 10–78 V
• Bidirectional Operation
• Peak Power — 400 Watts @ 1.0 ms
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Pico Seconds Response Time (0 V to BV)
• Flat Handling Surface for Accurate Placement
• Package Design for Top Side or Bottom Circuit Board Mounting
• Available in Tape and Reel
• Low Profile Package
Mechanical Characteristics:
• Case: Void–free, transfer-molded plastic
• Maximum Case Temperature for Soldering Purposes: 260°C for
10 seconds
• Finish: All external surfaces are corrosion resistant with readily solderable
leads
• Polarity: None
• Mounted Position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ TL = 25°C, PW = 10/1000 µs (Note 1)
Ppk
400
Watts
Thermal Resistance from Junction to Lead
R
θJL
29
°C/W
Thermal Resistance from Junction to Ambient
R
θJA
150
°C/W
Operating and Storage Junction Temperature Range
TJ, Tstg
150
°C
* FR4 Board, using Motorola minimum recommended footprint, as shown in case 403B outline dimensions spec.
1. Non–repetitive current pulse.
ELECTRICAL CHARACTERISTICS
Di
Reverse
Breakdown Voltage
Maximum
Reverse Voltage
Maximum
Reverse
Maximum
D
Device
Stand–off
Voltage VRWM
(Volts)
VBR
Volts
(Min)
IT
mA
Reverse Voltage
@ IRSM
(Clamping Voltage)
VRSM (Volts)
Reverse
Surge Current
IRSM
(Amps)
Reverse Leakage
@ VRWM
IR (µA)
Devce
Marking
1SMA10CAT3
10
11.1
1
17.0
23.5
2.5
QXC
1SMA11CAT3
11
12.2
1
18.2
22.0
2.5
QZC
1SMA12CAT3
12
13.3
1
19.9
20.1
2.5
REC
1SMA13CAT3
13
14.4
1
21.5
18.6
2.5
RGC
1SMA14CAT3
14
15.6
1
23.2
17.2
2.5
RKC
1SMA15CAT3
15
16.7
1
24.4
16.4
2.5
RMC
1SMA16CAT3
16
17.8
1
26.0
15.4
2.5
RPC
1SMA17CAT3
17
18.9
1
27.6
14.5
2.5
RRC
* TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation – The type number listed indicates a tolerance of
±5%.
(continued)
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by 1SMA10CAT3/D
© Motorola, Inc. 1996
1SMA10CAT3
through
1SMA78CAT3
PLASTIC SURFACE MOUNT
BIDIRECTIONAL
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSORS
10 – 78 VOLTS VR
400 WATTS PEAK POWER
SMA
CASE 403B–01
PLASTIC
REV 1


Similar Part No. - 1SMA40CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA40CAT3 ONSEMI-1SMA40CAT3 Datasheet
50Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA40CAT3 ONSEMI-1SMA40CAT3 Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA40CAT3 ONSEMI-1SMA40CAT3 Datasheet
86Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
1SMA40CAT3G ONSEMI-1SMA40CAT3G Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA40CAT3G ONSEMI-1SMA40CAT3G Datasheet
86Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
October, 2007 - Rev. 10
More results

Similar Description - 1SMA40CAT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA50AT3 MOTOROLA-1SMA50AT3 Datasheet
88Kb / 4P
Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
logo
Motorola, Inc
P6SMB6.8A MOTOROLA-P6SMB6.8A Datasheet
240Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
1SMC5.0 MOTOROLA-1SMC5.0 Datasheet
212Kb / 4P
ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
ON Semiconductor
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
1N6267A ONSEMI-1N6267A_05 Datasheet
78Kb / 8P
1500 Watt Mosorb Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_09 Datasheet
154Kb / 7P
Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1.5KE18CARL4 ONSEMI-1.5KE18CARL4 Datasheet
211Kb / 7P
1500 Watt Mosorb??Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1N6382 ONSEMI-1N6382 Datasheet
194Kb / 6P
Zener Transient Voltage Suppressors
August, 2006 ??Rev. 3
1SMC5.OAT3 ONSEMI-1SMC5.OAT3 Datasheet
73Kb / 8P
Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com