Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2233CUK Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2233CUK
Description  10-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2233CUK Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2233CUK Datasheet HTML 17Page - Linear Technology LTC2233CUK Datasheet HTML 18Page - Linear Technology LTC2233CUK Datasheet HTML 19Page - Linear Technology LTC2233CUK Datasheet HTML 20Page - Linear Technology LTC2233CUK Datasheet HTML 21Page - Linear Technology LTC2233CUK Datasheet HTML 22Page - Linear Technology LTC2233CUK Datasheet HTML 23Page - Linear Technology LTC2233CUK Datasheet HTML 24Page - Linear Technology LTC2233CUK Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2232/LTC2233
21
22323fa
The lower limit of the LTC2232/LTC2233 sample rate is
determined by droop of the sample-and-hold circuits. The
pipelined architecture of this ADC relies on storing analog
signals on small valued capacitors. Junction leakage will
discharge the capacitors. The specified minimum operat-
ing frequency for the LTC2232/LTC2233 is 1Msps.
DIGITAL OUTPUTS
Table 1 shows the relationship between the analog input
voltage, the digital data bits and the overflow bit.
APPLICATIO S I FOR ATIO
Figure 12a. Single-Ended ENC Drive,
Not Recommended for Low Jitter
Digital Output Buffers
Figure 13 shows an equivalent circuit for a single output
buffer. Each buffer is powered by OVDD and OGND, iso-
lated from the ADC power and ground. The additional N-
channel transistor in the output driver allows operation
down to low voltages. The internal resistor in series with
the output makes the output appear as 50
Ω to external
circuitry and may eliminate the need for external damping
resistors.
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2232/LTC2233 should drive a
minimal capacitive load to avoid possible interaction be-
tween the digital outputs and sensitive input circuitry. The
output should be buffered with a device such as an
ALVCH16373 CMOS latch. For full speed operation the
capacitive load should be kept under 10pF.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
Figure 12b. ENC Drive Using a CMOS to PECL Translator
22323 F12a
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1
µF
LTC2232/
LTC2233
22323 F12b
ENC–
ENC+
130
Ω
3.3V
3.3V
130
Ω
D0
Q0
Q0
MC100LVELT22
LTC2232/
LTC2233
83
Ω
83
Ω
Figure 13. Digital Output Buffer
LTC2232/LTC2233
22323 F13
OVDD
VDD
VDD
0.1
µF
43
Ω
TYPICAL
DATA
OUTPUT
OGND
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
OE
Table 1. Output Codes vs Input Voltage
AIN+ – AIN–
D9 – D0
D9 – D0
(2V Range)
OF
(Offset Binary)
(2’s Complement)
>+1.000000V
1
11 1111 1111
01 1111 1111
+0.998047V
0
11 1111 1111
01 1111 1111
+0.996094V
0
11 1111 1110
01 1111 1110
+0.001953V
0
10 0000 0001
00 0000 0001
0.000000V
0
10 0000 0000
00 0000 0000
–0.001953V
0
01 1111 1111
11 1111 1111
–0.003906V
0
01 1111 1110
11 1111 1110
–0.998047V
0
00 0000 0001
10 0000 0001
–1.000000V
0
00 0000 0000
10 0000 0000
<–1.000000V
1
00 0000 0000
10 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com