Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPS-43-48H-HP-RDE Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPS-43-48H-HP-RDE
Description  1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-HP-RDE Datasheet(HTML) 7 Page - Source Photonics, Inc.

  SPS-43-48H-HP-RDE Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
1490nm/1310nm Single Fiber OLT Transceiver
Preliminary Datasheet
SPS-43-48H-HP-xDE (x=C, R, T)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS2036-FEB1108
rev. 0.2 SHORT FORM
LUMINENTOIC.COM
DEC
Addr.
HEX
Addr.
Field Size
(bytes)
Name
Default Value
Description
6F.7
1bit
Reserved
0
Reserved
6F.6
1bit
Reserved
0
Reserved
6F.5
1bit
Reserved
0
Reserved
6F.4
1bit
Reserved
0
Reserved
6F.3
1bit
Reserved
0
Reserved
6F.2
1bit
INTERRUPT_NOT
x
Interrupt state (active low)
6F.1
1bit
MODE_EN
0
TX FAULT pin enable
6F.0
1bit
APD_SHUTDOWN
x
APD shut-down latch. Write 0 to clear
condition
70.7
1bit
Temperature too high alarm
x
Temperature too high alarm
70.6
1bit
Temperature too low alarm
x
Temperature too low alarm
70.5
1bit
VCC too high alarm
x
VCC too high alarm
70.4
1bit
VCC too low alarm
x
VCC too low alarm
70.3
1bit
BIASMON too high alarm
x
BIASMON too high alarm
70.2
1bit
BIASMON too low alarm
x
BIASMON too low alarm
70.1
1bit
BFMON too high alarm
x
BFMON too high alarm
70.0
1bit
BFMON too low alarm
x
BFMON too low alarm
71.7
1bit
RSSI too high alarm
x
RSSI too high alarm
71.6
1bit
RSSI too low alarm
x
RSSI too low alarm
71.5
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.4
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.3
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.2
1bit
Reserved interrupt status bit
x
Reserved interrupt status bit
71.1
1bit
Reserved interrupt status bit
x
TX Fail went HIGH
71.0
1bit
Reserved interrupt status bit
x
APD Shutdown event detected
114
72
1
Reserved
00h
Interrupt Mask for ISRC0
115
73
1
Reserved
00h
Interrupt Mask for ISRC1
74.7
1bit
Temperature too high warning
x
Temperature too high warning
74.6
1bit
Temperature too low warning
x
Temperature too low warning
74.5
1bit
VCC too high warning
x
VCC too high warning
74.4
1bit
VCC too low warning
x
VCC too low warning
74.3
1bit
BIASMON too high warning
x
BIASMON too high warning
74.2
1bit
BIASMON too low warning
x
BIASMON too low warning
74.1
1bit
BFMON too high warning
x
BFMON too high warning
74.0
1bit
BFMON too low warning
x
BFMON too low warning
75.7
1bit
RX Power High Warning
x
RSSI too high warning
75.6
1bit
RX Power Low Warning
x
RSSI too low warning
75.5
1bit
Reserved
0
Reserved
75.4
1bit
Reserved
0
Reserved
75.3
1bit
Reserved
0
Reserved
75.2
1bit
Reserved
0
Reserved
75.1
1bit
Reserved
0
Reserved
75.0
1bit
Reserved
0
Reserved
118
76
1
Reserved
00h
Interrupt Mask for ISRC2
119
77
1
Reserved
00h
Interrupt Mask for ISRC3
120
78
8
Vendor Specific
00 00 00 00 00 00 00 00h
Vendor Specific
I2C A2h Address
116
117
111
112
113



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com