Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSB0604221MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SSB0604221MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0604221MZF Datasheet(HTML) 3 Page - Superworld Electronics

  SSB0604221MZF Datasheet HTML 1Page - Superworld Electronics SSB0604221MZF Datasheet HTML 2Page - Superworld Electronics SSB0604221MZF Datasheet HTML 3Page - Superworld Electronics SSB0604221MZF Datasheet HTML 4Page - Superworld Electronics SSB0604221MZF Datasheet HTML 5Page - Superworld Electronics SSB0604221MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
18.04.2008
SMD POWER INDUCTORS
7. CHARACTERISTICS CURVES :
SSB0604 SERIES
5
L
5
L
10
FREQUENCY(MHZ)
100M
1R0M
-1
0
-1
10
5
3
10
10
5
3
-2
10
10
5
3
3
(uH)
1
100
5
33
5
3
101
5
DC CURRENT (A)
(uH)
3
10
5
3
2
0
-1
10
5
3
5
3
-3
10
10
1R0M
10-1
5
3
10-2
1
10
5
3
3
100M
2
10
5
3
100
35
5
3
1
10
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
30
102M
331M
101M
10
3
10
5
3
2
10
3
5
4
0
1
0
20
10
102M 331M 101M
80
50
40
(°C)
t
70
60
90
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
3
10
3
2
10
5
102M
331M
101M
4
10
3
5
DC CURRENT (A)
24
35
6
100M
1R0M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com