Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND1742MST2 Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND1742MST2
Description  Intelligent Graphics Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND1742MST2 Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND1742MST2 Datasheet HTML 1Page - Purdy Electronics Corporation AND1742MST2 Datasheet HTML 2Page - Purdy Electronics Corporation AND1742MST2 Datasheet HTML 3Page - Purdy Electronics Corporation AND1742MST2 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intelligent Graphics Display
AND1742MST2
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
2
CCFL Driving
Current
IFLD
VFLD=
450Vrms
fFL =
30kHz
–
5.0
–
mA
CCFL Driving
Frequency
fFL
VFLD=
450Vrms
fFL =
30kHz
15
30
85
kHz
CCFL
Saturation
Time
tSAT
Ta =
25ºC
–1–
minut
Electrical Characteristics (TA = 25°C) (Continued)
Item
Symbol
Cond.
Min.
Typ.
Max.
Unit
Optical Characteristics (TA = 25˚C,
φ = 0°, θ = 0)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
Range
(when Cr
≥ 2)
φ f(12 o’clock)
–
34
–
degree
φ b(6 o’clock)
–
41
–
φ l(9 o’clock)
–
35
–
φ r(3 o’clock)
–
30
–
Rise Time *
Tr
–
140
–
mS
Fall Time *
Tf
–
240
–
Frame
Frequency *
Frm
–64–
Hz
Contrast *
Cr
–
5.2
–
–
* Condition: VDD - VEE = 17.8V, Ta = 25ºC
Connector Pin Assignment
Pin
No.
Signal
Level
Function
1
FGND
–
Frame Ground
2
VSS
0V
Power Supply Ground
3
V
DD
5V
Power Supply Voltage
4
VO
–
Contrast Adjustment Voltage
5
/WR
L
Write Signal
6
/RD
L
Read Signal
7
/CE
L
Enable Signal
8
C/D
H/L
WR = “L”, C/D = “H”: Command Write
WR = “L”, C/D = “L”: Data Write
RD = “L”, C/D = “H”: Status Read
RD = “L”, C/D = “L”: Data Read
9
NC
–
No connection
10
/RST
L
Reset Signal
11
DB0
H/L
Data Bit 0
12
DB1
H/L
Data Bit 1
13
DB2
H/L
Data Bit 2
14
DB3
H/L
Data Bit 3
15
DB4
H/L
Data Bit 4
16
DB5
H/L
Data Bit 5
17
DB6
H/L
Data Bit 6
18
DB7
H/L
Data Bit 7
19
FS
H/L
H: 6 * 8 / L: 8 * 8 Select of Font
20
RV
–
Reverse Data IN
Environmental Absolute Maximum Ratings
Item
Normal Temperature
Wide Temperature
Operating
Storage
Operating
Storage
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ambient Temperature
0ºC
+50ºC
-20ºC
+70ºC
-20ºC
+70ºC
-30ºC
+80ºC
Humidity (without condensation)
Note 2,4
Note 3, 5
Note 4,5
Note 4,6
Note 2: Ta
≤ 50ºC: 80% RH max.Ta > 50ºC: Absolute humidity must be lower than the humidity of 85% RH at 50ºC.
Note 3: Ta at -20ºC will be < 48 hrs at 70ºC will be < 120 hrs when humidity is higher than 75%.
Note 4: Background color changes slightly depending on ambient temperature. This phenomenon is reversible.
Note 5: Ta
≤ 70ºC: 75% RH max.Ta > 70ºC: absolute humidity must be lower than the humidity of 75% RH at 70ºC.
Note 6: Ta at -30ºC will be < 48 hrs, at 80ºC will be <120 hrs when humidity is higher than 75%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com