Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND3222MST2 Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND3222MST2
Description  LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND3222MST2 Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND3222MST2 Datasheet HTML 1Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 2Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 3Page - Purdy Electronics Corporation AND3222MST2 Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
3
www.purdyelectronics.com
Displays
Timing Chart
Timing Specifications
Item
Symbol
Min
Typ
Max
Unit
System Cycle Time
tCVC
425
–
–
ns
Address Set-up Time
tAW
30
–
–
ns
Address Hold Time
tAH
10
–
–
ns
Data Set-up Time
tDS
120
–
–
ns
Data Hold Time
tDH
10
–
–
ns
Output Disable Time
tOH
10
–
50
ns
AccessTime
tACC
–
–
120
ns
Enable Pulse Width
Read
tEW
220
–
–
ns
Write
220
–
–
ns
Environmental Absolute Maximum Ratings
Item
Normal Temperature
Wide Temperature
Operating
Storage
Operating
Storage
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max
Ambient Temperature
0 ºC
+50 ºC
-20 ºC
+70 ºC
-20 ºC
+70 ºC
-30 ºC
+80 ºC
Humidity (without condensation)
See Notes 1, 3
See Notes 2, 4
See Notes 3, 4
See Notes 3, 5
NOTES:
1. Ta≤ 50 ºC: 80% RH max
Ta> 50 ºC: Absolute humidity must be lower than the humidity of 85%RH at 50 ºC
2. Ta at -20 ºC will be < 48 hrs at 0 ºC will be <120 hrs when humidity is higher than 75%.
3. Background color changes slightly depending on ambient temperature. This phenomenon is reversable.
4. Ta ≤ 70 ºC: 75RH max
Ta > 70 ºC: abosolute humidity must be lower than the humidity of 75%RH at 70 ºC.
5. Ta at -30 ºC will be <48hrs, at 80 ºC will be <120hrs when humidity is higher than 75%.
AND3222MST2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com