Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND-1013ST Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-1013ST
Description  Intelligent Graphics Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-1013ST Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-1013ST Datasheet HTML 1Page - Purdy Electronics Corporation AND-1013ST Datasheet HTML 2Page - Purdy Electronics Corporation AND-1013ST Datasheet HTML 3Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Intelligent Graphics Display
AND1013ST-30/-EO
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
12/22/06
Note:Refer to Applications Section for definitions of viewing
angle, contrast ratio, response time (on and off) and
luminance.
Power Supply
The LCD panel is driven by the voltage V
DD–VEE, so an
adjustable V
EE is required for contrast control and
temperature compensation.
Example of Variable Negative Voltage Supply
Timing Relationships and Diagram
Timing Diagram
Optical Characteristics (TA = 25˚C,
φ = 0°, θ = 0)
Item
Symbol
Min.
Typ.
Max.
Unit
Viewing Angle
Right to Left
–
80
–
degree
Up & Down
–
55
–
Contrast
K
2.5
3.8
–
–
Turn On
Ton
–
200
350
ms
Turn Off
Toff
–
250
350
ms
Connector Pin Assignment
Pin No.
Signal
Function
1
FGND
Frame Ground (connected to metal bezel)
2
GND
Ground (signal)
3
VDD
Power Supply for logic (5V)
4
VEE
Power Supply for LCD Drive
5WR
Data Write
6RD
Data Read
7CE
Chip Enable
8
C/D
WR = “L”, C/D = “H”: Command Write
WR = “L”, C/D = “L”: Data Write
RD = “L”, C/D = “H”: Status Read
RD = “L”, C/D = “L”: Data Read
9
NC
No connection
10
RESET
Controller Reset
11
D0
Data Input/Output
12
D1
Data Input/Output
13
D2
Data Input/Output
14
D3
Data Input/Output
15
D4
Data Input/Output
16
D5
Data Input/Output
17
D6
Data Input/Output
18
D7
Data Input/Output
19
NC
No connection
20
NC
No connection
Temperature Variations
Temperature
VDD–VEE
0°C
14.1
+25°C
13.0
+50°C
11.1
Signal Timing Relationships
Item
Symbol
Min.
Max.
Unit
C/D Set Up Time
tCDS
100
–
ns
C/D Hold Time
tCDH
10
–
CE, RD
, WR
Pulse Width
tCE, tRD, tWR
80
–
Data Set Up Time
tDS
80
–
Data Hold Time
tDH
40
–
Access Time
tACC
–
150
Output Hold Time
tOH
10
50
VEE
VDD
GND
LCD Module
R1
R2
R1 = 10k, R2 = 10k, TR 2SA1102 or equivalent
TR
t
CDS
t
CP,tRD,tWP
t
ACC
t
CDH
t
DH
t
OH
t
DS
C/D
CE
RD, WR
D0-D7
(WRITE)
D0-D7
(READ)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com