Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND-TFT-35XS-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND-TFT-35XS-LED
Description  LCD Color Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-35XS-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND-TFT-35XS-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-35XS-LED Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND-TFT-35XS-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
1/28/08
Power Consumption (Ta =25°C)
Recommended Operating Conditions
Note 1: STH1, STH2, CPH1, CPH2, CPH3, Q2H, INH, CPV, XOE,
DIO1, DIO2
Note 2: Both NTSC & PAL system Video Signal input waveform is
based on 8 steps gray scale.
Optical Specifications
Item
Symbol
Remarks
Specifications
Units
Typ.
LCD Panel Power Consumption
–
Power consumption for backlight is not included
33.5
mW
Backlight Lamp Power Consumption
–
calculated by IL x VL.
0.65
W
Total Power Consumption
–
–
0.69
W
Item
Symbol
Remarks
Specifications
Unit
Min.
Typ.
Max.
Power Supply
(Ta = 25°C)
VCC
+4.5
+5.0
+5.5
V
VDD
+3.0
+3.3
+3.6
AVDD
+4.5
+5.0
+5.5
VGH
+14.5
+15.0
+15.5
VEE
-15.5
-15.0
-14.5
VGL AC
AC Component of VGL
–
+6.0
–
VP-P
VGL DC
DC Component of VGL
-12.5
-11.0
-9..5
V
Video Signal (VR, VG, VB)
Vi AC
AC Component, Note 2
–
+4.0
+4.2
VP-P
Vi DC
DC Component
–
+2.5
–
V
VCOM
VCOM AC
AC Component of VCOMM
–
+6.0
–
VP-P
VCOM DC
DC Component of VCOMM
+0.9
+1.0
+1.1
V
H Level
VIH
Note 1
+0.7 VDD
––
V
L Level
VIL
––
+0.3 VDD
Item
Symbol
Conditions
Specifications
Unit
Min.
Typ.
Max.
Viewing Angle
Horizontal
θ
CR
≥10
± 45
± 50
–
deg
Vertical
θ (to 12 o’clock)
10
15
–
θ (to 6 o’clock)
30
35
–
Contrast Ratio
Luminance when LCD is White
Luminance when LCD is Black
CR
At optimized viewing angle
110
150
–
–
Response Time
Rise
Tr
θ =0°
–
15
30
ms
Fall
Tf
φ =0°
–
25
50
Transmission
Ratio
T
–
7.5
8.0
8.5
%
Uniformity
U
–
65
70
–
–
Brightness
LUM
–
200
250
–
cd/m2
White Chromaticity
X
θ =0°
0.280
0.310
0.340
–
Y
0.310
0.340
0.370
Tc
6650
6850
7050
Lamp Life Time
+25°C
–
decay to 75%
10,000
–
–
hr
Backlight Connector
JST BHR-03VS-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com