Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC-TFT-35XS-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # PC-TFT-35XS-LED
Description  Interface Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PC-TFT-35XS-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  PC-TFT-35XS-LED Datasheet HTML 1Page - Purdy Electronics Corporation PC-TFT-35XS-LED Datasheet HTML 2Page - Purdy Electronics Corporation PC-TFT-35XS-LED Datasheet HTML 3Page - Purdy Electronics Corporation PC-TFT-35XS-LED Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC-TFT-35XS-LED
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
6/22/07
www.purdyelectronics.com
Terminal Pin Assignment
Pin
No.
Symbol
I/O
Description
Remarks
1
+5V
O
5.0V output
–
2
COL
I
color adj.
–
3
BRT
I
brightness adj.
–
4
CNT
I
contrast adj.
–
5
Video
I
composite video signal
The signal resistance is 75
Ω, 1V p-p.
6
U/P
I
up/down scan control
+5V or GND
7
R/L
I
left/right scan control
+5V or GND
8
GND
I
ground
–
9
GND
I
ground
–
10
+12V
I
+12V DC power input
–
11
HSY
O
HSY output
–
12
VSY
O
VSY output
–
Block Diagram
Power
Composite Video/RGB Signal
Picture control signal
Video Chroma Signal
Processing
DC/DC – LED Driver
AND-TFT-35XS-LED
AND-TFT-35XS-LED
PC-TFT-35XS-LED
Connector:
Pin No: FC12D (Bottom Contact)
Pitch: FC 1.0mm
Output Characteristics:
DC to DC Backlight Inverter:
Starting Voltage: 15.8VDC, typical at 6.0 VDC
Working Voltage: 16.0 VDC, typical at 15 VDC
Working Current: DC 10mA ± 20% typical for general application.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com