Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB-381LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # EB-381LF
Description  VIA Mark Mini Board w/vga/audio/lan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

EB-381LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  EB-381LF Datasheet HTML 1Page - Protech Systems Co., Ltd. EB-381LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIA Mark Processor
533/800MHz
Mark + VT82C686B (FSB : 100/133MHz)
1 x 144-pin SO-DIMM, support PC100/133
SDRAM up to 512MB
Phoenix-Award PnP BIOS, with VGA BIOS
16 level Watchdog timer selectable w/Reset/NMI
Supports AT/ATX power
+5V, +12V
+5VSB : 0.78A / +5V : 3.32A / +12V : 1.52A
(VIA Mark 533MHz)
102mm x 145mm (4.02" x 5.71")
VIA Mark Mini Board w / VGA / Audio / LAN
EB-381LF
EB-381LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in MAY. 2007.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in MAY. 2007.
Specifications
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
Mini DIN connector or Y-cable
External connector or Mini Din connector with Y-cable
Realtek RTL8100BL (10/100Mbps)
Support Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with Line-in /
Line-out / MIC
4 x USB 1.1
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
Built-in VIA Mark, share system memory,
Support CRT & LVDS, TV-OUT
18/36-bit LVDS
3.5" SBC w VIA Mark 533MHz / VGA / Audio / TV / LAN
3.5" SBC w VIA Mark 800MHz / VGA / Audio / TV / LAN
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
EB-381LF-C533
EB-381LF-C800
Certificate: CE, FCC, CLASS A
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
EB-381LF-C533
EB-381LF-C800
Certificate: CE, FCC, CLASS A
1 x 44-pin IDE
1 x compact flash slot (IDE)
1
PC/104
2 x COM ports, COM1 for RS232,
COM2 for RS232/422/485
( for 16550 compatible type of UART)
1 x parallel (SPP / EPP / ECP)
1 (SIR)
2
43
44
1
IDE1
CN1
5
10
6
1
1
JP2
VIA
Mark
JP1
5
6
JP4
5
6
1
2
1
USB2
6
5
10
FDD1
2
34
1
33
LPT1
14
26
13
1
1
JP5
2
9
10
1
CN2
2
9
10
1
COM2
2
9
10
BIOS
Battery
1
JP6
1
JP7
1
JP8
VIA
VT1612A
2
LVDS1
30
29
1
1
INV1
VGA1
1
5
6
10
11
15
1
FAN1
1
J1
2
1
IR1
1
CD_IN1
VT82C686B
1
5
KB1
1
4
1
9
2
10
5
8
LAN1
USB1
1
COM1
5
6
9
BUZ
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com