Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC112ADB Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC112ADB
Description  DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC112ADB Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC112ADB Datasheet HTML 1Page - Texas Instruments SN74LVC112ADB Datasheet HTML 2Page - Texas Instruments SN74LVC112ADB Datasheet HTML 3Page - Texas Instruments SN74LVC112ADB Datasheet HTML 4Page - Texas Instruments SN74LVC112ADB Datasheet HTML 5Page - Texas Instruments SN74LVC112ADB Datasheet HTML 6Page - Texas Instruments SN74LVC112ADB Datasheet HTML 7Page - Texas Instruments SN74LVC112ADB Datasheet HTML 8Page - Texas Instruments SN74LVC112ADB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1CLK
1K
1J
1PRE
1Q
1Q
2Q
GND
VCC
1CLR
2CLR
2CLK
2K
2J
2PRE
2Q
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LVC112A
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP
WITH CLEAR AND PRESET
SCAS289L – JANUARY 1993 – REVISED AUGUST 2005
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.8 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This dual negative-edge-triggered J-K flip-flop is designed for 1.65-V to 3.6-V VCC operation.
A low level at the preset (PRE) or clear (CLR) inputs sets or resets the outputs, regardless of the levels of the
other inputs. When PRE and CLR are inactive (high), data at the J and K inputs meeting the setup-time
requirements is transferred to the outputs on the negative-going edge of the clock pulse. Clock triggering occurs
at a voltage level and is not directly related to the rise time of the clock pulse. Following the hold-time interval,
data at the J and K inputs can be changed without affecting the levels at the outputs. The SN74LVC112A can
perform as a toggle flip-flop by tying J and K high.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
SN74LVC112AD
SOIC – D
Reel of 2500
SN74LVC112ADR
LVC112A
Reel of 250
SN74LVC112ADT
SOP – NS
Reel of 2000
SN74LVC112ANSR
LVC112A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC112ADBR
LC112A
Tube of 90
SN74LVC112APW
TSSOP – PW
Reel of 2000
SN74LVC112APWR
LC112A
Reel of 250
SN74LVC112APWT
TVSOP – DGV
Reel of 2000
SN74LVC112ADGVR
LC112A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC112ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC112ADBLE TI1-SN74LVC112ADBLE Datasheet
990Kb / 24P
SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
SN74LVC112ADBR TI1-SN74LVC112ADBR Datasheet
990Kb / 24P
SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
More results

Similar Description - SN74LVC112ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN74F112 TI-SN74F112 Datasheet
73Kb / 5P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
74ACT11112 TI-74ACT11112 Datasheet
75Kb / 5P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Potato Semiconductor Co...
PO74G112A POTATO-PO74G112A Datasheet
584Kb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP-FLOP WITH CLEAR AND PRESET
PO74G112A POTATO-PO74G112A_14 Datasheet
1Mb / 6P
DUAL NEGATIVE-EDGE-TRIGGERED J-K FLIP FLOP WITH CLEAR AND PRESET
logo
Texas Instruments
74ACT11112 TI1-74ACT11112_11 Datasheet
214Kb / 8P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC112A TI1-SN74LVC112A_15 Datasheet
990Kb / 24P
SN74LVC112A Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com