Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APD360 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # APD360
Description  SCHOTTKY BARRIER RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD360 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  APD360 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD360 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
SCHOTTKY BARRIER RECTIFIER
APD360
Jun. 2009
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
Features
Low Forward Voltage Drop
Very Small Conduction Losses
High Surge Capability
Surge Overload Rating to 80A Peak
Applications
Low Voltage High Frequency Inverters
DC-DC converters
Free Wheeling
Polarity Protection
Figure 1. Package Type of APD360
Pin Configuration
Cathod
Anode
Figure 2. Pin Configuration of APD360 (Top View)
DO-27


Similar Part No. - APD360

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD360 BCDSEMI-APD360 Datasheet
297Kb / 10P
SCHOTTKY BARRIER RECTIFIER
APD360 BCDSEMI-APD360 Datasheet
295Kb / 10P
SCHOTTKY BARRIER RECTIFIER Polarity Protection
logo
Diodes Incorporated
APD360 DIODES-APD360 Datasheet
303Kb / 9P
SCHOTTKY BARRIER RECTIFIER
Rev 2
logo
BCD Semiconductor Manuf...
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
297Kb / 10P
SCHOTTKY BARRIER RECTIFIER
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
295Kb / 10P
SCHOTTKY BARRIER RECTIFIER Polarity Protection
More results

Similar Description - APD360

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com