Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTCMD4D13 Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMD4D13
Description  Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMD4D13 Datasheet(HTML) 1 Page - Central Technologies

  CTCMD4D13 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.13.07
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
CTCMD4D13F Please specify “F” for RoHS Compliant
*Rated Current: Inductance drop = 10% typ.
L Test
DCR
Rated Current*
Part
Inductance
Freq.
Max.
Max.
Number
(µH ±20%)
(kHz)
(
Ω
Ω )
(A)
CTCMD4D13_-3R3M
3.3
100
0.16
0.85
CTCMD4D13_-4R7M
4.7
100
0.194
0.80
CTCMD4D13_-6R8M
6.8
100
0.276
0.65
CTCMD4D13_-100M
10
100
0.335
0.57
CTCMD4D13_-150M
15
100
0.508
0.45
CTCMD4D13_-220M
22
100
0.766
0.37
CTCMD4D13_-330M
33
100
1.162
0.28
CTCMD4D13_-470M
47
100
1.658
0.22
CTCMD4D13_-680M
68
100
2.534
0.18
CTCMD4D13_-101M
100
100
3.8
0.17
CTCMD4D13_-151M
150
100
5.362
0.13
CTCMD4D13 Series
From 3.3 µH to 150 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 1V
Packaging: Tape & Reel
Rated Current: This indicates the value of current when the
inductance is 10% lower than its inital value at D.C.
superimposition or D.C. current when at
Δt=40°C whichever is
lower.
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
BOTTOM VIEW
2
1
3
4
F
D
G
E
A
B
C
1
1
2
41
4
2
3
2
3
XXX
Marking: Inductance Code
2.5
5.3
1.4
Unit: mm
Size
A
B
C
D
E
F
G
Max.
Max.
Max.
mm
4.4
5.8
1.45
3.7
3.2
2.9
0.5
inches
0.173
0.228
0.057
0.146
0.126
0.114
0.020
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTCMD4D13

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCMD4D06 CT-CTCMD4D06 Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-100M CT-CTCMD4D06-100M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-150M CT-CTCMD4D06-150M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-220M CT-CTCMD4D06-220M Datasheet
178Kb / 1P
Power Inductors
CTCMD4D06-2R2M CT-CTCMD4D06-2R2M Datasheet
178Kb / 1P
Power Inductors
More results

Similar Description - CTCMD4D13

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com