Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC841APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC841APW
Description  10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC841APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC841APW Datasheet HTML 1Page - Texas Instruments SN74LVC841APW Datasheet HTML 2Page - Texas Instruments SN74LVC841APW Datasheet HTML 3Page - Texas Instruments SN74LVC841APW Datasheet HTML 4Page - Texas Instruments SN74LVC841APW Datasheet HTML 5Page - Texas Instruments SN74LVC841APW Datasheet HTML 6Page - Texas Instruments SN74LVC841APW Datasheet HTML 7Page - Texas Instruments SN74LVC841APW Datasheet HTML 8Page - Texas Instruments SN74LVC841APW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74LVC841A
10-BIT BUS-INTERFACE D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS307H – MARCH 1993 – REVISED AUGUST 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
D Power Off Disables Outputs, Permitting
Live Insertion
D Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
3.3-V VCC)
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages
description
This 10-bit bus-interface D-type latch is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC841A is designed specifically for driving highly capacitive or relatively low-impedance loads. It
is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and
working registers.
The ten latches are transparent D-type latches. The device has noninverting data (D) inputs and provides true
data at its outputs.
A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines
without interface or pullup components.
OE does not affect the internal operations of the latch. Previously stored data can be retained or new data can
be entered while the outputs are in the high-impedance state.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN74LVC841A is characterized for operation from –40
°C to 85°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
LE


Similar Part No. - SN74LVC841APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC841APW TI1-SN74LVC841APW Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APW TI2-SN74LVC841APW Datasheet
441Kb / 18P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
SN74LVC841APW.B TI2-SN74LVC841APW.B Datasheet
441Kb / 18P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
REVISED FEBRUARY 2005
SN74LVC841APWLE TI1-SN74LVC841APWLE Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC841APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com