Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSLR-N55FSW4-B0 Datasheet(PDF) 5 Page - China Semiconductor Corporation

Part # CSLR-N55FSW4-B0
Description  LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSLR-N55FSW4-B0 Datasheet(HTML) 5 Page - China Semiconductor Corporation

  CSLR-N55FSW4-B0 Datasheet HTML 1Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 2Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 3Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 4Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 5Page - China Semiconductor Corporation CSLR-N55FSW4-B0 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
■
■
■
■ Typical Electrical / Optical Charateristics Curves -
(Ta = 25℃
℃
℃
℃ Unless Otherwise Noted)
Fig 6.
Page:
4/5
PS-LL-N55FSW4-B0
A
http://www.csctw.com.tw
Model No:
:
:
:CSLR-N55FSW4-B0
Vs. Ambient Temperature
Wavelength (nm)
700
400
0
350
550
450 500
600 650
0.8
0.4
0.6
0.2
1.2
1.0
750 800
0
25
50
75
100
10
20
30
40
Ambient Temperature Ta (°C)
0
1
2
3
4
5
10
15
20
25
30
Forward Voltage VF (V)
0
5
10
15
20
25
30
25
50
75
100
125
150
Forward Current IF (mA DC)
Forward Voltage (V)
0
25
50
100
75
1
2
3
4
5
6
Fig 1. Forward Current
Vs. Ambient Temperature
Fig 2. Forward Current
Vs. Forward Voltage
Fig 2. Forward Current
Vs. Forward Voltage
Fig 3. Relative Intensity
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
Vs. Forward Current
Fig 4. Peark Forward Voltage
Vs.Forward Current
(100us test pulse,1% duty cycle)
Fig 5. Relative Intensity Vs. Wavelength
Relative Luminous Intensity vs.Radiation Angle
-90°
Radiation
Angle
Fig.6
Relative
Luminous
Intensity
-60°-30°
0° -30°-60° -90°
1
0
0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com