Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTML1206 Datasheet(PDF) 1 Page - Central Technologies

Part # CTML1206
Description  Multi-layer Chip Inductors - Ferrite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTML1206 Datasheet(HTML) 1 Page - Central Technologies

  CTML1206 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors - Ferrite
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.14.06
Size
A
B
C
D
Max.
mm
3.2±0.2
1.6±0.2
1.3
0.5±0.3
inches
0.13±0.008
0.06±0.008
0.05
0.02±0.3
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTML1206-R10_
K = ±10%, M = ±20%
CTML1206F Please specify “F” for RoHS compliant
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTML1206_-R047M
.047
50
25
50
320
.15
300
CTML1206_-R068M
.068
50
25
50
280
.25
300
CTML1206_-R082M
.082
50
25
50
250
.25
300
CTML1206_-R10_
.10
25
30
25
235
.25
250
CTML1206_-R12_
.12
25
30
25
250
.30
250
CTML1206_-R15_
.15
25
30
25
200
.30
250
CTML1206_-R18_
.18
25
30
25
185
.40
250
CTML1206_-R22_
.22
25
30
25
170
.50
250
CTML1206_-R27_
.27
25
30
25
150
.50
250
CTML1206_-R33_
.33
25
30
25
145
.60
250
CTML1206_-R39_
.39
25
30
25
135
.50
200
CTML1206_-R47_
.47
25
30
25
125
.60
200
CTML1206_-R56_
.56
25
30
25
115
.70
150
CTML1206_-R68_
.68
25
30
25
105
.80
150
CTML1206_-R82_
.82
25
30
25
100
.90
150
CTML1206_-1R0_
1.0
10
45
10
75
.40
100
CTML1206_-1R2_
1.2
10
45
10
65
.50
100
CTML1206_-1R5_
1.5
10
45
10
60
.50
50
CTML1206_-1R8_
1.8
10
45
10
55
.50
50
CTML1206_-2R2_
2.2
10
45
10
50
.60
50
CTML1206_-2R7_
2.7
10
45
10
45
.60
50
CTML1206_-3R3_
3.3
10
45
10
41
.70
50
CTML1206_-3R9_
3.9
10
45
10
38
.80
50
CTML1206_-4R7_
4.7
10
45
10
35
.90
50
CTML1206_-5R6_
5.6
4.0
45
4.0
32
.70
25
CTML1206_-6R8_
6.8
4.0
45
4.0
29
.90
25
CTML1206_-8R2_
8.2
4.0
45
4.0
26
.90
25
CTML1206_-100_
10
2.0
45
2.0
24
1.0
25
CTML1206_-120_
12
2.0
45
2.0
22
1.0
15
CTML1206_-150_
15
1.0
35
1.0
19
.70
5.0
CTML1206_-180_
18
1.0
35
1.0
18
.70
5.0
CTML1206_-220_
22
1.0
30
1.0
16
.90
5.0
CTML1206_-270_
27
1.0
30
1.0
14
.90
5.0
CTML1206_-330_
33
.40
30
.40
13
1.0
5.0
CTML1206 Series
From .047 µH to 33 µH
Not shown at actual size.
CHARACTERISTICS
Description: Ferrite core, multi-layer chip inductor. Magnetic
shielded.
Applications: LC resonant circuits such as oscillator and signal
generators, RF filters, disk drives, audio and video equipment, TV,
radio and telecommunication equipment
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±10% & ±20%
Testing: Inductance and Q are tested on an HP4285A or
HP4286A at specified frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Marking: Reels marked with inductance code and tolerance
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #17
RoHS
Compliant
Available


Similar Part No. - CTML1206

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML1206F CT-CTML1206F Datasheet
127Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF-1R0M CT-CTML1206HCF-1R0M Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF-1R2M CT-CTML1206HCF-1R2M Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF-1R5M CT-CTML1206HCF-1R5M Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results

Similar Description - CTML1206

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com