Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2426 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2426
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2426 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2426 Datasheet HTML 1Page - KR Electronics, Inc. 2426 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
S31
LOG
.5 dB/
REF 0 dB
START
. 100
000
MHz
STOP
320
. 000
000
MHz
Cor
19 Apr 2002 08:49:47
1
1 : - . 17580
dB
320
. 000
000
MHz
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 030
000
MHz
STOP
3
000
. 000
000
MHz
Cor
19 Apr 2002 11:26:51
1
1 : -43
. 717
dB
1
000
. 000
000
MHz
KR 2426 MHz Lowpass Filter
KR Electronics 2426 is a 320 MHz
Lowpass filter supplied in a small
surface mount package. Passband
frequencies from 10 MHz to 500
MHz are available. Consult factory
for other passband frequencies.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance—320 MHz Cutoff Frequency
www.krfilters.com
Figure 1
Passband Amplitude
(0.50 dB/div 100 KHz to 320 MHz)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div 30 KHz to 3 GHz)


Similar Part No. - 2426

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2426 YANTEL-2426 Datasheet
77Kb / 2P
Variable RF Inductor
logo
Heyco.
2426 HEYCO-2426 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
ASSUN MOTOR Pte Ltd.
2426 ASSUN-2426 Datasheet
282Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
2426 ASSUN-2426 Datasheet
224Kb / 1P
STANDARD SERIES
2023-A
2426 ASSUN-2426 Datasheet
1Mb / 1P
BUILT-IN SERVO DRIVE INTEGRATED MOTOR-Brushless
2024-A
More results

Similar Description - 2426

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com