Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS4022D Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4022D
Description  350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4022D Datasheet(HTML) 2 Page - Texas Instruments

  THS4022D Datasheet HTML 1Page - Texas Instruments THS4022D Datasheet HTML 2Page - Texas Instruments THS4022D Datasheet HTML 3Page - Texas Instruments THS4022D Datasheet HTML 4Page - Texas Instruments THS4022D Datasheet HTML 5Page - Texas Instruments THS4022D Datasheet HTML 6Page - Texas Instruments THS4022D Datasheet HTML 7Page - Texas Instruments THS4022D Datasheet HTML 8Page - Texas Instruments THS4022D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
THS4021, THS4022
350-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
SLOS265B – SEPTEMBER 1999 – REVISED FEBRUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
NUMBER OF
CHANNELS
PLASTIC
SMALL OUTLINE†
(D)
PLASTIC
MSOP†
(DGN)
MSOP
SYMBOL
EVALUATION
MODULE
0
°Cto70°C
1
THS4021CD
THS4021CDGN
ACK
THS4021EVM
0
°C to 70°C
2
THS4022CD
THS4022CDGN
ACL
THS4022EVM
–40
°Cto85°C
1
THS4021ID
THS4021IDGN
ACA
—
– 40
°C to 85°C
2
THS4022ID
THS4022IDGN
ACB
—
† The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4021CDGN).
functional block diagram
OUT
8
6
1
IN–
IN+
2
3
Null
Figure 2. THS4021 – Single Channel
1OUT
1IN–
1IN+
VCC
2OUT
2IN–
2IN+
–VCC
Figure 3. THS4022 – Dual Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com