Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSU360T-T033II Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HSU360T-T033II
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU360T-T033II Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HSU360T-T033II Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU360T-T033II Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-62-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU360&T 2.80kg (6.17 lb.)
HSU360 Series
TRIPLE OUTPUT
MAIN VO1
@#
MAIN VO2 @
MAIN VO3 @
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HSU360-T050II
42.0A
5.0V
45A
6.0A
12.0V
12A
6.0A
12.0V
12A
HSU360-T050KK
42.0A
5.0V
45A
5.0A
15.0V
10A
5.0A
15.0V
10A
HSU360-T050MI
42.0A
5.0V
45A
3.0A
24.0V
6A
6.0A
12.0V
12A
HSU360-T033II
55.0A
3.3V
60A
6.0A
12.0V
12A
6.0A
12.0V
12A
HSU360-T033EI
55.0A
3.3V
60A
15.0A
5.0V
--
6.0A
12.0V
12A
HSU360-T050DI
42.0A
5.0V
45A
18.0A
3.3V
--
6.0A
12.0V
12A
HSU360T Series
TRIPLE OUTPUT
MAIN VO1
@#
MAIN VO2 @
MAIN VO3 ●
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HSU360T-T050II
(HSU360T-32)
60.0A
5.0V
70A
2.50A
12.0V
3.5A
2.0A
12.0V
3.0A
HSU360T-T050KK
60.0A
5.0V
70A
2.00A
15.0V
3.0A
2.0A
15.0V
3.0A
HSU360T-T050MI
60.0A
5.0V
70A
1.25A
24.0V
2.5A
2.0A
12.0V
3.0A
HSU360T-T033II
65.0A
3.3V
75A
2.50A
12.0V
3.5A
2.0A
12.0V
3.0A
HSU360T-T033EI
65.0A
3.3V
75A
6.00A
5.0V
--
2.0A
12.0V
3.0A
HSU360T-T050DI
60.0A
5.0V
70A
8.00A
3.3V
--
3.0A
12.0V
8.0A
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "●" Installed with Post Regulator.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
TRIPLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G
+VO1
+VO2
-VO3
DC COM
NC
S(+)
S(-)
SYS
Reset
AC Fail
HSU360-T
L
N
G
P2-4,6,8,10,12
P2-28,30
P2-14,16
P2-20,22
24,26,32
P2-18
P2-12
--
--
--
HSU360T-T
P1-28 P1-30 P1-32 P2-4,6,8,10,12
P2-28,30
P2-16
P2-18,20,22
24,26
P1-8,10,12,24,16
18,20,22,24,26
P2-14
P2-32
P1-6
P1-4
Mating connector: DIN41612-H15 Female
HSU360-T
HSU360T-T



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com