Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HVP348 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP348
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC N1 REDUNDANCY AND ACTIVE CURRENT SHARING ENCLOSURE BOX WITH FAN TRIPLE OUTPUT 350 WATTS INTERNAL SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP348 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP348 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP348 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-58-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1,200.0g (42.3 Oz.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
Mating connector: Molex Mini-Fit 42385-06A1.
Molex Mini-Fit 42385-24A1.
TRIPLE OUTPUT
+VO1 ▲@★≡⊙
+VO2 ▲@★≡⊙
+VO3 ▲@★≡⊙
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP348-T050DI
28.0A
+5.0V
20.0A
+3.3V
10.0A
+12.0V
HVP348-T033EI
28.0A
+3.3V
22.0A
+5.0V
10.0A
+12.0V
HVP348-T050II
28.0A
+5.0V
10.0A
+12.0V
6.0A
+12.0V
HVP348-T033II
28.0A
+3.3V
12.0A
+12.0V
8.0A
+12.0V
HVP348-T050MI
28.0A
+5.0V
5.0A
+24.0V
6.0A
+12.0V
HVP348-T240EI
7.0A
+24.0V
14.0A
+5.0V
8.0A
+12.0V
Symbol: "★" OVP built-in. "@" Adjustable. "
" 3rd-wire current sharing. "▲" Installed with magnetic amplifier. "⊙" Installed with OR-ing diode.
AC INPUT
TRIPLE OUTPUT
ASSORTED SIGNALS
ASSIGNMENT AC-L AC-N AC-G
VO1
VO2
VO3
DC-COM
VO1≡ VO2≡ VO3≡
Fan
Fail
Inhibit
Power
Good
Power
Disable
CONNECTOR
& PIN#
P1-1
P1-5
P1-3
P2-1,2,
P2-13,14
P2-7,8,20
P2-9,21
P2-3,4,5,15
16,17,18,19
P2-22
P2-10
P2-23 P2-11
P2-24
P2-12
P2-6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com