Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIR2000 Datasheet(PDF) 13 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 9Page - Texas Instruments TIR2000 Datasheet HTML 10Page - Texas Instruments TIR2000 Datasheet HTML 11Page - Texas Instruments TIR2000 Datasheet HTML 12Page - Texas Instruments TIR2000 Datasheet HTML 13Page - Texas Instruments TIR2000 Datasheet HTML 14Page - Texas Instruments TIR2000 Datasheet HTML 15Page - Texas Instruments TIR2000 Datasheet HTML 16Page - Texas Instruments TIR2000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
2–1
2
Functional Description
2.1
Modes of Operation
The TIR2000 operates in six different modes. For proper operation, the device must be programmed
correctly for each mode. The various modes of operation include:
•
Fast-speed infrared (IrDA FIR) mode
•
Medium-speed infrared (IrDA MIR) mode
•
Slow-speed infrared (IrDA SIR) mode
•
SHARP Infrared (IR) mode
•
TV mode
•
Universal asynchronous receiver transmitter (UART) mode
Basic data communication involves at least two devices. During the data transmit mode, the first device
transmits data and the second device receives the transmitted data. During the receive mode, the second
device transmits the data and the first device receives the data. When the device is configured for the UART
mode, both data transmission and data receive can occur simultaneously, but during the infrared (IR) modes
either the data transmit or data receive is possible at any time but not simultaneously. A basic configuration
for two communicating devices in the infrared mode is shown in Figure 2–1.
TIR2000
Ir
Xcvr
TIR2000
Ir
Xcvr
Ir Pulse
Machine 1
Machine 2
Transmit
TIR2000
Ir
Xcvr
TIR2000
Ir
Xcvr
Ir Pulse
Machine 1
Machine 2
Receive
Figure 2–1. Basic Configuration for Ir Communication
The TIR2000 has internal programmable registers. Some of the registers are common to all modes of
operation and some are specific to a particular mode of operation. The device is accessed with the industry
standard architecture (ISA) address bus SA[15–0]. An outside address decoder uses ISA signals
(SA[15–4], AEN) and generates the chip select (CS) signal for the TIR2000 device. The lower address bits
SA[3–0] are directly connected to the device. The internal address decoder decodes SA[3–0] lower address
bits to access the different registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com