Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF2C959P01BCSS Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # DF2C959P01BCSS
Description  Dielectric Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

DF2C959P01BCSS Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  DF2C959P01BCSS Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dielectric Filter (MF Type)
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© April 2004 by Vanlong Technology Co., Ltd.
DF Series
Features
•
Small and light size
•
Low insertion loss for using high Q-value resonators
•
Excellent temperature stability
•
Excellent mechanical structure
•
Good selectivity
•
Suitable for surface mount and reflow soldering
Electronic Characteristics
Part Number
Center Freq.
fO (MHz)
Pass
Bandwidth
(MHz)
Insertion
Loss
(dB max)
VSWR
max
Stop Band Attenuation
(dB min)
Dimension
W x L x H (mm)
DF2C620P10ASNS
620.00
fO ± 5.0
2.5
2.0
40(fO-117.5)/20(fO+117.5)
7.4x10.9x3.7
DF2C670P10ASNS
670.00
fO ± 5.0
2.5
2.0
40(fO-117.5)/20(fO+117.5)
7.4x10.0x3.7
DF2C796P06ASNS
796.60
fO ± 3.0
2.0
1.5
30(fO-65)/20(fO+65)
7.4x8.5x3.7
DF2C903P02ACNS
903.00
fO ± 1.0
3.5
2.0
25(fO-24)/20(fO+24)
7.4x8.8x3.7
DF2C927P02ACNS
927.00
fO ± 1.0
3.5
2.0
25(fO-24)/20(fO+24)
7.4x8.6x3.7
DF2C2403P06ACNS
2403.75
fO ± 3.0
3.5
2.0
35(fO+72)
7.4x7.0x3.7
DF2C2475P06ACNS
2475.75
fO ± 3.0
3.5
2.0
35(fO-72)
7.4x6.8x3.7
DF2C808P02AENS
808.35
fO ± 1.0
3.5
2.0
35(fO+25)/15(fO-25)
7.4x10.0x3.7
DF2C818P02AENS
817.95
fO ± 1.0
3.5
2.0
35(fO+25)/15(fO-25)
7.4x9.9x3.7
DF2C903P02AENS
903.00
fO ± 1.0
3.5
2.0
35(fO+24)/15(fO-24)
7.4x8.8x3.7
DF2C927P02AENS
927.00
fO ± 1.0
3.5
2.0
35(fO+24)/15(fO-24)
7.4x8.7x3.7
DF2C907P02CNU
906.50
fO ± 1.0
3.0
2.0
35(926.50)
7.4x9.1x3.7
DF2C903P02BESS
903.00
fO ± 1.0
3.5
2.0
15(fO-24)/30(fO+24)
6.0x8.8x3.0
DF2C927P02BESS
927.00
fO ± 1.0
3.5
2.0
15(fO+24)/30(fO-24)
6.0x8.6x3.0
DF2C914P01BCSS
914.50
fO ± 0.5
3.5
2.0
24(fO-44)/30(fO+44)
6.0x8.7x3.0
DF2C959P01BCSS
959.50
fO ± 0.5
3.5
2.0
24(fO-44)/30(fO+44)
6.0x8.2x3.0
DF2C2403P06BESS
2403.75
fO ± 3.0
3.2
2.0
33(fO+72)
6.0x7.0x3.0
DF2C2475P06BESS
2475.75
fO ± 3.0
3.2
2.0
33(fO-72)
6.0x6.8x3.0
DF2C903P02BCSS
903.00
fO ± 1.0
3.5
2.0
20(fO+24)/15(fO-24)
6.0x8.8x3.0
DF2C927P02BCSS
927.00
fO ± 1.0
3.5
2.0
20(fO-24)/15(fO+24)
6.0x8.6x3.0
DF2C915P26BSSS
915.00
fO ± 13.0
2.5
2.0
27(fO-77.5)/17(fO+77.5)
5.8x7.3x2.9
DF2C2442P83BSSL
2442.0
fO ± 41.5
1.5
2.0
35(fO-291.5)
5.05x3.2x1.9
DF2C2442P85BSSS
2442.0
fO ± 42.5
2.5
2.0
40(fO-500)/38(fO+500)
5.7x4.4x2.0
DF2C2442P84ASSS
2442.0
fO ± 42.0
3.2
2.0
40(fO-500)/38(fO+500)
5.7x3.3x1.9
DF2C1575P10ACNS
1575.4
fO ± 5.0
2.6
2.0
30(fO-140)/28(fO+140)
5.7x5.2x2.85
DF2C1890P20ACNS
1890.0
fO ± 10.0
2.5
2.0
25(fO-100)/20(fO+100)
5.7x4.3x2.85
Note: Please consult VTC support for other frequencies and specification that is not listed above.
Method of Definition
DF 2 C 903 P 02 A C N S
DF
: Dielectric Filter
2
: Number of holes
C
: SMD type
903
: Center frequency in MHz
P
: Filter type, i.e. P - Band pass
02
: Bandwidth in MHz
A
: Product series
C
: Hole structure
N
: Part type, i.e. N - Normal, S - Small
S
: Electrode type
DF Series


Similar Part No. - DF2C959P01BCSS

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
DF2C959P01BCSS VANLONG-DF2C959P01BCSS Datasheet
38Kb / 1P
Excellent temperature stability
More results

Similar Description - DF2C959P01BCSS

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
CMF33C830S10A SIPAT-CMF33C830S10A Datasheet
254Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1535S30A SIPAT-CMF33C1535S30A Datasheet
260Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF43C1656P23A SIPAT-CMF43C1656P23A Datasheet
364Kb / 4P
DIELECTRIC FILTER SPECIFICATION
DF1375S36B SIPAT-DF1375S36B Datasheet
509Kb / 5P
DIELECTRIC FILTER SPECIFICATION
CMF2A900S30CCA SIPAT-CMF2A900S30CCA Datasheet
483Kb / 4P
DIELECTRIC FILTER
CMF2A900S30CCA SIPAT-CMF2A900S30CCA Datasheet
483Kb / 4P
DIELECTRIC FILTER
CMF2A945S30CCA SIPAT-CMF2A945S30CCA Datasheet
468Kb / 4P
DIELECTRIC FILTER
CMF33C1715S30A SIPAT-CMF33C1715S30A Datasheet
268Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1815S30A SIPAT-CMF33C1815S30A Datasheet
256Kb / 3P
DIELECTRIC FILTER SPECIFICATION
CMF33C1857S45A SIPAT-CMF33C1857S45A Datasheet
257Kb / 3P
DIELECTRIC FILTER SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com