Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C10 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320C10
Description  Wide-Band Analog Interface Circuit
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320C10 Datasheet HTML 35Page - Texas Instruments TMS320C10 Datasheet HTML 36Page - Texas Instruments TMS320C10 Datasheet HTML 37Page - Texas Instruments TMS320C10 Datasheet HTML 38Page - Texas Instruments TMS320C10 Datasheet HTML 39Page - Texas Instruments TMS320C10 Datasheet HTML 40Page - Texas Instruments TMS320C10 Datasheet HTML 41Page - Texas Instruments TMS320C10 Datasheet HTML 42Page - Texas Instruments TMS320C10 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
3–5
3.3.8
Transmit Channel Signal-to-Distortion Ratio (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VI = – 6 dB to – 0.1 dB
58
VI = – 12 dB to – 6 dB
58
VI = – 18 dB to – 12 dB
56
VI = – 24 dB to – 18 dB
50
D/A channel signal-to-distortion ratio
VI = – 30 dB to – 24 dB
44
dB
VI = – 36 dB to – 30 dB
38
VI = – 42 dB to – 36 dB
32
VI = – 48 dB to – 42 dB
26
VI = – 54 dB to – 48 dB
20
NOTE 7: The test condition is a 1-kHz input signal with a 24-kHz conversion rate. The load impedance for the DAC is
600
Ω. Input and output voltages are referred to Vref.
3.3.9
Receive and Transmit Gain and Dynamic Range (see Note 8)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Transmit gain tracking error
VO = – 48 dB to 0 dB signal range
±0.05 ±0.25
dB
Receive gain tracking error
VI = – 48 dB to 0 dB signal range
±0.05 ±0.25
dB
NOTE 8: Gain tracking is relative to the absolute gain at 1 kHz and 0 dB (0 dB relative to Vref).
3.3.10
Receive Channel Band-Pass Filter Transfer Function, SCF fclock = 432 kHz,
Input (IN+ – IN –) is a
±3-V Sine Wave‡ (see Note 9)
PARAMETER
TEST
CONDITION
FREQUENCY
ADJUSTMENT
MIN
TYP†
MAX
UNIT
f
≤ 150 Hz
K1
× 0 dB
–33
–29
–25
f = 300 Hz
K1
× –0.26 dB
–4
–2
–1
f = 450 Hz to 9300 Hz
K1
× 0 dB
– 0.25
0
0.25
Input signal
f = 9300 Hz to 9900 Hz
K1
× 0 dB
– 0.3
0
0.3
Filter gain
Input signal
reference is 0 dB
f = 9900 Hz to 10950 Hz
K1
× 0 dB
– 0.5
0
0.5
dB
reference is 0 dB
f = 11.4 kHz
K1
× 2.3 dB
–2
– 0.5
f = 12 kHz
K1
× 2.7 dB
–16
–14
f
≥ 13.2 kHz
K1
× 3.2 dB
–40
f
≥ 15 kHz
K1
× 0 dB
–60
† All typical values are at TA = 25°C.
‡ The MIN, TYP, and MAX specifications are given for a 432-kHz SCF clock frequency. A slight error in the 432-kHz SCF
can result from inaccuracies in the MSTR CLK frequency, resulting from crystal frequency tolerances. If this frequency
error is less than 0.25%, the ADJUSTMENT ADDEND should be added to the MIN, TYP, and MAX specifications, where
K1 = 100
× [(SCF frequency – 432 kHz)/432 kHz]. For errors greater than 0.25%, see Note 9.
NOTE 9: The filter gain outside of the pass band is measured with respect to the gain at 1 kHz. The filter gain within the
pass band is measured with respect to the average gain within the pass band. The pass bands are 450 Hz
to 10.95 kHz and 0 to 10.95 kHz for the band-pass and low-pass filters, respectively. For switched-capacitor
filter clocks at frequencies other than 432 kHz, the filter response is shifted by the ratio of switched-capacitor
filter clock frequency to 432 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com